Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206B3R00FSTR Datasheet(PDF) 11 Page - AVX Corporation

Part # F1206B3R00FSTR
Description  Accu-Guard SMD Thin-Film Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206B3R00FSTR Datasheet(HTML) 11 Page - AVX Corporation

Back Button F1206B3R00FSTR Datasheet HTML 4Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 5Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 6Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 7Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 8Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 9Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 10Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 11Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Accu-Guard®
SMD Thin-Film Fuse
Thus, for current pulse in Figure 3b, the Joule integral is:
{(0.56A)2+0.56A x (1A-0.56A)+
[(1A-0.56A)2]} x 3 x 10-3s = 1.9 x 10-3A2sec.
Fig. 3a. Trapezoidal pulse parameters for Joule
integral calculation, example #3.
4. Lightning strike
A lightning strike pulse is shown in Figure 4a. After an initial
linear rise, the current declines exponentially.
3. Trapezoidal current pulse
The Joule integral for a trapezoidal pulse is
[(Imin.)2 + Imin. x (Imax. - Imin.) + (Imax-Imin)2] x t,
3
see Fig. 3a.
t
l min.
l max.
0.5 msec/div
0.5A/div
Fig. 3b. Trapezoidal pulse, example #3.
According to the I2t graph on page 6, the 0.5A fuse should
be chosen for this application, see Figure 3c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
0.50A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
Fig. 3c. Choice of 0.5A fuse, example #3.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
X
X
DESIGNING FOR CURRENT PULSE SITUATIONS (CONT.)
Joule integral for the linear current rise is calculated as for a
triangular pulse, see example #2.
The Joule integral for the exponential decline is
I
max.
2 x t
0.5 x (-1/2In 0.5) = 0.72Imax.2 x t0.5
Thus, for the sample lightning strike pulse in Figure 4b, the
total Joule integral is:
(25A)2 x 2 x 10-6sec/3+0.72 x (25A)2 x 10 x 10-6sec = 4.92 x 10-3A2sec.
t0.5
0.51 max.
l max.
Fig. 4a. Lightning pulse parameters for Joule
integral calculation, example #4.
10 μsec/div
5A/div
Fig. 4b. Lightning strike pulse, example #4.
For practical calculations, the duration of exponential decline
may be assumed to be 3t
0.5, because within this time 98.5%
of the pulse energy is released. Thus, the total pulse duration
in this example is 30 μsec, and the 1.25A fuse should be
chosen for this application, see Figure 4c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
Fig. 4c. Choice of 0.5A fuse, example #4.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
1.25A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
3


Similar Part No. - F1206B3R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206B3R00FW/STR AVX-F1206B3R00FW/STR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206B3R00FWSTR AVX-F1206B3R00FWSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206B3R00FWTR AVX-F1206B3R00FWTR Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
More results

Similar Description - F1206B3R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com