Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206B3R00FSTR Datasheet(PDF) 1 Page - AVX Corporation

Part # F1206B3R00FSTR
Description  Accu-Guard SMD Thin-Film Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206B3R00FSTR Datasheet(HTML) 1 Page - AVX Corporation

  F1206B3R00FSTR Datasheet HTML 1Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 2Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 3Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 4Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 5Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 6Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 7Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 8Page - AVX Corporation F1206B3R00FSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2
Accu-Guard®
SMD Thin-Film Fuse
ACCU-GUARD® TECHNOLOGY
The Accu-Guard® series of fuses is based on thin-film tech-
niques. This technology provides a level of control on the com-
ponent electrical and physical characteristics that is generally
not possible with standard fuse technologies. This has allowed
AVX to offer a series of devices which are designed for mod-
ern surface mount circuit boards which require protection.
FEATURES
• Accurate current rating
• Fast acting
• Small-standard 0402, 0603, 0805, 1206 and 0612
chip sizes
• Taped and reeled
• Completely compatible with all soldering systems
used for SMT
• Lead Free Series (F0402E, F02402G, F0603E, F0805B,
F1206B)
APPLICATIONS
• Cellular Telephones
• Two-Way Radios
• Computers
• Battery Chargers
• Rechargeable Battery Packs
• Hard Disk Drives
• PDA’s
• LCD Screens
• SCSI Interface
• Digital Cameras
• Video Cameras
APPROVAL FILE NUMBERS
• UL, cUL:
RCD#E143842
• UL (F0402G): RCD#E141069
HOW TO ORDER
DIMENSIONS millimeters (inches)
L
T
B
1
W
B
2
F0402G
F0402E
F0603E
F0603C
F0805B
F1206A/B
F0612D
L
1.00±0.05
1.00±0.10
1.60±0.10
1.65±0.25
2.1±0.2
3.1±0.2
1.65±0.25
(0.039±0.002)
(0.039±0.004)
(0.063±0.004)
(0.065±0.010)
(0.083±0.008)
(0.122±0.008)
(0.065±0.010)
W
0.58±0.04
0.55±0.07
0.81±0.10
0.80±0.15
1.27±0.1
1.6±0.1
3.1±0.2
(0.023±0.002)
(0.022±0.003)
(0.032±0.004)
(0.031±0.006)
(0.050±0.004)
(0.063±0.004)
(0.122±0.008)
T
0.35±0.05
0.40±0.10
0.63±0.10
0.90±0.2
0.90±0.2
1.2±0.2
0.90±0.2
(0.014±0.002)
(0.016±0.004)
(0.025±0.004)
(0.035±0.008)
(0.035±0.008)
(0.047±0.008)
(0.036±0.008)
B
0.48±0.05
0.20±0.10
0.35±0.15
0.35±0.15
0.30±0.15
0.43±0.25
0.35±0.15
(0.019±0.002)
(0.008±0.004)
(0.014±0.006)
(0.014±0.006)
(0.012±0.006)
(0.017±0.010)
(0.014±0.006)
A
0.20±0.05
(0.008±0.002)
S, H
0.05±0.05
(0.002±0.002)
F0603C, F0805B, F1206A and F1206B
B
T
L
W
F0402G
L
T
S
W
A
B
H
F0402E and F0603E
F
Product
Fuse
1206
Size
See table for
standard sizes
A
Fuse Version
A=Accu-Guard®
B=Accu-Guard® II
C=Accu-Guard® II 0603
D=Accu-Guard® II 0612
E=Accu-Guard® II 0402, 0603
G=Accu-Guard® II 0402
Low Current
0R20
Rated Current
Current expressed in
Amps. Letter R denotes
decimal point. e.g.
0.20A=0R20
1.75A=1R75
F
Fuse
Speed
F=Fast
W
Termination
S=Nickel/Lead-Free
Solder coated
(Sn 100)
W=Nickel/solder coated
(Sn 63, Pb 37)
N=Nickel/Lead-Free
Solder Coated (Sn100)
TR
Packaging
TR=Tape and reel


Similar Part No. - F1206B3R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206B3R00FW/STR AVX-F1206B3R00FW/STR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206B3R00FWSTR AVX-F1206B3R00FWSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206B3R00FWTR AVX-F1206B3R00FWTR Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
More results

Similar Description - F1206B3R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com