Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 1 Page - Texas Instruments

  LM3914N-1 Datasheet HTML 1Page - Texas Instruments LM3914N-1 Datasheet HTML 2Page - Texas Instruments LM3914N-1 Datasheet HTML 3Page - Texas Instruments LM3914N-1 Datasheet HTML 4Page - Texas Instruments LM3914N-1 Datasheet HTML 5Page - Texas Instruments LM3914N-1 Datasheet HTML 6Page - Texas Instruments LM3914N-1 Datasheet HTML 7Page - Texas Instruments LM3914N-1 Datasheet HTML 8Page - Texas Instruments LM3914N-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM3914
www.ti.com
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
LM3914 Dot/Bar Display Driver
Check for Samples: LM3914
Versatility was designed into the LM3914 so that
1
FEATURES
controller, visual alarm, and expanded scale functions
2
Drives LEDs, LCDs or Vacuum Fluorescents
are easily added on to the display system. The circuit
Bar or Dot Display Mode Externally Selectable
can drive LEDs of many colors, or low-current
by User
incandescent
lamps.
Many
LM3914s
can
be
“chained” to form displays of 20 to over 100
Expandable to Displays of 100 Steps
segments. Both ends of the voltage divider are
Internal Voltage Reference from 1.2V to 12V
externally available so that 2 drivers can be made
Operates with Single Supply of Less than 3V
into a zero-center meter.
Inputs Operate Down to Ground
The LM3914 is very easy to apply as an analog
Output Current Programmable from 2 mA to 30
meter circuit. A 1.2V full-scale meter requires only 1
resistor and a single 3V to 15V supply in addition to
mA
the 10 display LEDs. If the 1 resistor is a pot, it
No Multiplex Switching or Interaction Between
becomes the LED brightness control. The simplified
Outputs
block
diagram
illustrates
this
extremely
simple
Input Withstands ±35V without Damage or
external circuitry.
False Outputs
When in the dot mode, there is a small amount of
LED Driver Outputs are Current Regulated,
overlap or “fade” (about 1 mV) between segments.
Open-collectors
This assures that at no time will all LEDs be “OFF”,
and thus any ambiguous display is avoided. Various
Outputs can Interface with TTL or CMOS Logic
novel displays are possible.
The Internal 10-step Divider is Floating and
can be Referenced to a Wide Range of
Much of the display flexibility derives from the fact
Voltages
that all outputs are individual, DC regulated currents.
Various effects can be achieved by modulating these
currents. The individual outputs can drive a transistor
DESCRIPTION
as well as a LED at the same time, so controller
The LM3914 is a monolithic integrated circuit that
functions
including
“staging”
control
can
be
senses analog voltage levels and drives 10 LEDs,
performed.
The
LM3914
can
also
act
as
a
providing a linear analog display. A single pin
programmer, or sequencer.
changes the display from a moving dot to a bar
graph. Current drive to the LEDs is regulated and
The LM3914 is rated for operation from 0°C to +70°C.
programmable, eliminating the need for resistors.
The LM3914N-1 is available in an 18-lead PDIP
This feature is one that allows operation of the whole
(NFK) package.
system from less than 3V.
The following typical application illustrates adjusting
The circuit contains its own adjustable reference and
of the reference to a desired value, and proper
accurate 10-step voltage divider. The low-bias-current
grounding
for
accurate
operation,
and
avoiding
input buffer accepts signals down to ground, or V,
oscillations.
yet needs no protection against inputs of 35V above
or below ground. The buffer drives 10 individual
comparators referenced to the precision divider.
Indication non-linearity can thus be held typically to
½%, even over a wide temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com