Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2595SX-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2595SX-3.3
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595SX-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LM2595SX-3.3 Datasheet HTML 1Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 2Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 3Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 4Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 5Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 6Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 7Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 8Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
LM2595 SIMPLE SWITCHER® Power Converter 150 kHz 1A Step-Down Voltage Regulator
Check for Samples: LM2595
1
FEATURES
DESCRIPTION
The LM2595 series of regulators are monolithic
23
3.3V, 5V, 12V, and Adjustable Output Versions
integrated circuits that provide all the active functions
Adjustable Version Output Voltage Range,
for a step-down (buck) switching regulator, capable of
1.2V to 37V ±4% Max Over Line and Load
driving a 1A load with excellent line and load
Conditions
regulation. These devices are available in fixed output
voltages of 3.3V, 5V, 12V, and an adjustable output
Available in TO-220 and TO-263 (Surface
version.
Mount) Packages
Ensured 1A Output Load Current
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
Input Voltage Range Up to 40V
include internal frequency compensation†, and a
Requires Only 4 External Components
fixed-frequency oscillator.
Excellent Line and Load Regulation
The LM2595 series operates at a switching frequency
Specifications
of
150
kHz
thus
allowing
smaller
sized
filter
150 kHz Fixed Frequency Internal Oscillator
components than what would be needed with lower
TTL Shutdown Capability
frequency
switching
regulators.
Available
in
a
standard
5-lead
TO-220
package
with
several
Low Power Standby Mode, IQ Typically 85 μA
different lead bend options, and a 5-lead TO-263
High Efficiency
surface mount package. Typically, for output voltages
Uses Readily Available Standard Inductors
less than 12V, and ambient temperatures less than
50°C, no heat sink is required.
Thermal Shutdown and Current Limit
Protection
A standard series of inductors are available from
several different manufacturers optimized for use with
APPLICATIONS
the LM2595 series. This feature greatly simplifies the
design of switch-mode power supplies.
Simple High-Efficiency Step-Down (Buck)
Regulator
Other features include an ensured ±4% tolerance on
output voltage under specified input voltage and
Efficient Pre-Regulator for Linear Regulators
output load conditions, and ±15% on the oscillator
On-Card Switching Regulators
frequency. External shutdown is included, featuring
Positive to Negative Converter
typically 85
μA stand-by current. Self protection
features include a two stage frequency reducing
current limit for the output switch and an over
temperature shutdown for complete protection under
fault conditions.
† Patent Number 5,382,918.
Typical Application
(Fixed Output Voltage Versions)
Connection Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, Switchers Made Simple are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2595SX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3/NOPB TI1-LM2595SX-3.3/NOPB Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results

Similar Description - LM2595SX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com