Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086CS-2.5/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086CS-2.5/NOPB
Description  LM1086IT-5.0-NOPB
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-2.5/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM1086CS-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM1086
SNVS039H – JUNE 2000 – REVISED MAY 2013
www.ti.com
APPLICATION NOTE
GENERAL
Figure 18 shows a basic functional diagram for the LM1086-Adj (excluding protection circuitry) . The topology is
basically that of the LM317 except for the pass transistor. Instead of a Darlingtion NPN with its two diode voltage
drop, the LM1086 uses a single NPN. This results in a lower dropout voltage. The structure of the pass transistor
is also known as a quasi LDO. The advantage a quasi LDO over a PNP LDO is its inherently lower quiescent
current. The LM1086 is specified to provide a minimum dropout voltage 1.5V over temperature, at full load.
Figure 18. Basic Functional Diagram for the LM1086, excluding Protection circuitry
OUTPUT VOLTAGE
The LM1086 adjustable version develops at 1.25V reference voltage, (VREF), between the output and the adjust
terminal. As shown in figure 2, this voltage is applied across resistor R1 to generate a constant current I1. This
constant current then flows through R2. The resulting voltage drop across R2 adds to the reference voltage to
sets the desired output voltage.
The current IADJ from the adjustment terminal introduces an output error . But since it is small (120uA max), it
becomes negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 19. Basic Adjustable Regulator
STABILITY CONSIDERATION
Stability consideration primarily concern the phase response of the feedback loop. In order for stable operation,
the loop must maintain negative feedback. The LM1086 requires a certain amount series resistance with
capacitive loads. This series resistance introduces a zero within the loop to increase phase margin and thus
increase stability. The equivalent series resistance (ESR) of solid tantalum or aluminum electrolytic capacitors is
used to provide the appropriate zero (approximately 500 kHz).
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1086


Similar Part No. - LM1086CS-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086CS-2.5/NOPB TI1-LM1086CS-2.5/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-2.5/NOPB TI1-LM1086CS-2.5/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-2.5/NOPB TI1-LM1086CS-2.5/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086CS-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
TAI-SAW TECHNOLOGY CO.,...
TN0068A TAI-SAW-TN0068A Datasheet
336Kb / 7P
   Thru 40MHz~1040MHz SMD 5.0 x 5.0 mm
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
   5.0 mm Series
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
   5.0 Vcd Option
logo
Panasonic Semiconductor
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
   Schottky Generation 5.0
Revision: 19-Feb-08
logo
Golledge Electronics Lt...
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
   5.0 SM VCXO
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com