Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV135UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV135UA
Description  AUDIO BALANCED LINE DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV135UA Datasheet(HTML) 2 Page - Texas Instruments

  DRV135UA Datasheet HTML 1Page - Texas Instruments DRV135UA Datasheet HTML 2Page - Texas Instruments DRV135UA Datasheet HTML 3Page - Texas Instruments DRV135UA Datasheet HTML 4Page - Texas Instruments DRV135UA Datasheet HTML 5Page - Texas Instruments DRV135UA Datasheet HTML 6Page - Texas Instruments DRV135UA Datasheet HTML 7Page - Texas Instruments DRV135UA Datasheet HTML 8Page - Texas Instruments DRV135UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DRV134, DRV135
2
SBOS094A
www.ti.com
SPECIFICATIONS: V
S = ±18V
At TA = +25°C, VS = ±18V, RL = 600Ω differential connected between +VO and –VO, unless otherwise noted.
DRV134PA, UA
DRV135UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO PERFORMANCE
Total Harmonic Distortion + Noise
THD+N
f = 20Hz to 20kHz,VO = 10Vrms
0.001
%
f = 1kHz, VO = 10Vrms
0.0005
%
Noise Floor, RTO(1)
20kHz BW
–98
dBu
Headroom, RTO(1)
THD+N < 1%
+27
dBu
INPUT
Input Impedance(2)
ZIN
10
k
Input Current
IIN
VIN = ±7.07V
±700
±1000
µA
GAIN
[(+VO) – (–VO)]/VIN
Differential
VIN = ±10V
Initial
5.8
6
dB
Error
±0.1
±2%
vs Temperature
±10
ppm/
°C
Single-Ended
VIN = ±5V
Initial
5.8
6
dB
Error
±0.7
±2%
vs Temperature
±10
ppm/
°C
Nonlinearity
0.0003
% of FS
OUTPUT
Common-Mode Rejection, f = 1kHz
OCMR
See OCMR Test Circuit, Figure 4
46
68
dB
Signal Balance Ratio, f = 1kHz
SBR
See SBR Test Circuit, Figure 5
35
54
dB
Output Offset Voltage
Offset Voltage, Common-Mode
VOCM(3)
VIN = 0
±50
±250
mV
vs Temperature
±150
µV/°C
Offset Voltage, Differential
VOD(4)
VIN = 0
±1
±10
mV
vs Temperature
±5
µV/°C
vs Power Supply
PSRR
VS = ±4.5V to ±18V
80
110
dB
Output Voltage Swing, Positive
No Load(5)
(V+) – 3
(V+) – 2.5
V
Negative
No Load(5)
(V–) + 2
(V–) + 1.5
V
Impedance
50
Load Capacitance, Stable Operation
CL
CL Tied to Ground (each output)
1
µF
Short-Circuit Current
ISC
±85
mA
FREQUENCY RESPONSE
Small-Signal Bandwidth
1.5
MHz
Slew Rate
SR
15
V/
µs
Settling Time: 0.01%
VOUT = 10V Step
2.5
µs
Overload Recovery
Output Overdriven 10%
3
µs
POWER SUPPLY
Rated Voltage
VS
±18
V
Voltage Range
±4.5
±18
V
Quiescent Current
IQ
IO = 0
±5.2
±5.5
mA
TEMPERATURE RANGE
Specification Range
–40
+85
°C
Operation Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface Mount
150
°C/W
SOL-16 Surface Mount
80
°C/W
NOTES: (1) dBu = 20log (Vrms /0.7746); RTO = Referred-to-Output.
(2) Resistors are ratio matched but have
±20% absolute value.
(3) VOCM = [(+VO) + (–VO)]/ 2. (4) VOD = (+VO) – (–VO). (5) Ensures linear operation. Includes common-mode offset.


Similar Part No. - DRV135UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV135UA BURR-BROWN-DRV135UA Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV135UA BURR-BROWN-DRV135UA Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UA TI1-DRV135UA Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
Burr-Brown (TI)
DRV135UA/2K5 BURR-BROWN-DRV135UA/2K5 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UA/2K5 TI1-DRV135UA/2K5 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
More results

Similar Description - DRV135UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com