Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV632PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV632PW
Description  DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV632PW Datasheet(HTML) 1 Page - Texas Instruments

  DRV632PW Datasheet HTML 1Page - Texas Instruments DRV632PW Datasheet HTML 2Page - Texas Instruments DRV632PW Datasheet HTML 3Page - Texas Instruments DRV632PW Datasheet HTML 4Page - Texas Instruments DRV632PW Datasheet HTML 5Page - Texas Instruments DRV632PW Datasheet HTML 6Page - Texas Instruments DRV632PW Datasheet HTML 7Page - Texas Instruments DRV632PW Datasheet HTML 8Page - Texas Instruments DRV632PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DRV632
www.ti.com
SLOS681A – JANUARY 2011 – REVISED JULY 2013
DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
Check for Samples: DRV632
1
FEATURES
DESCRIPTION
The DRV632 is a 2-VRMS pop-free stereo line driver
23
Stereo DirectPath™ Audio Line Driver
designed to allow the removal of the output dc-
2 Vrms Into 10 k
Ω With 3.3-V Supply
blocking capacitors for reduced component count and
Low THD+N < 0.01% at 2 Vrms Into 10 k
cost. The device is ideal for single-supply electronics
where size and cost are critical design parameters.
High SNR, >90 dB
600-
Ω Output Load Compliant
Designed
using
TI’s
patented
DirectPath™
technology, The DRV632 is capable of driving 2 VRMS
Differential Input and Single-Ended Output
into a 10-k
Ω load with 3.3-V supply voltage. The
Adjustable Gain by External Gain-Setting
device has differential inputs and uses external gain-
Resistors
setting resistors to support a gain range of ±1 V/V to
Low DC Offset, <1 mV
±10 V/V, and gain can be configured individually for
each channel. Line outputs have ±8-kV IEC ESD
Ground-Referenced Outputs Eliminate DC-
protection, requiring just a simple resistor-capacitor
Blocking Capacitors
ESD protection circuit. The DRV632 has built-in
Reduce Board Area
active-mute control for pop-free audio on/off control.
Reduce Component Cost
The DRV632 has an external undervoltage detector
that mutes the output when the power supply is
Improve THD+N Performance
removed, ensuring a pop-free shutdown.
No Degradation of Low-Frequency
Using the DRV632 in audio products can reduce
Response Due to Output Capacitors
component
count
considerably
compared
to
Short-Circuit Protection
traditional methods of generating a 2-VRMS output.
Click- and Pop-Reduction Circuitry
The DRV632 does not require a power supply greater
than 3.3 V to generate its 5.6-Vpp output, nor does it
External Undervoltage Mute
require a split-rail power supply. The DRV632
Active Mute Control for Pop-Free Audio On/Off
integrates its own charge pump to generate a
Control
negative supply rail that provides a clean, pop-free
Space-Saving TSSOP Package
ground-biased 2-VRMS output.
The DRV632 is available in a 14-pin TSSOP.
APPLICATIONS
Set-Top Boxes
Blu-ray Disc™, DVD Players
LCD and PDP TV
Mini/Micro Combo Systems
Sound Cards
Laptops
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath, FilterPro are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV632PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632PW TI-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI1-DRV632PWR Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
More results

Similar Description - DRV632PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com