Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT857TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT857TA
Description  300V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT857TA Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT857TA Datasheet HTML 1Page - Diodes Incorporated FZT857TA Datasheet HTML 2Page - Diodes Incorporated FZT857TA Datasheet HTML 3Page - Diodes Incorporated FZT857TA Datasheet HTML 4Page - Diodes Incorporated FZT857TA Datasheet HTML 5Page - Diodes Incorporated FZT857TA Datasheet HTML 6Page - Diodes Incorporated FZT857TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT857
Document Number DS33177 Rev. 6 - 2
5 of 7
www.diodes.com
February 2013
© Diodes Incorporated
FZT857
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
012
34
5
0.0
0.5
1.0
1.5
1m
10m
100m
1
0
50
100
150
200
250
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
10m
100m
1
10
100
10
100
1000
1m
10m
100m
1
0.01
0.1
1
T = 25°C
I
C/IB=50
V
CE(sat) v Gain
I
C/IB=20
I
C/IB=5
I
C/IB=10
I
C
Collector Current (A)
150°C
h
FE v IC
V
CE=10V
-55°C
25°C
100°C
I
C
Collector Current (A)
150°C
25°C
V
CE(sat) v IC
I
C/IB=10
100°C
-55°C
I
C
Collector Current (A)
150°C
V
BE(on) v IC
V
CE=10V
100°C
25°C
-55°C
I
C
Collector Current (A)
Capacitance v Voltage
f = 1MHz
Cobo
Cibo
Voltage(V)
150°C
100°C
V
BE(sat) v IC
I
C/IB=10
25°C
-55°C
I
C
Collector Current (A)


Similar Part No. - FZT857TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT857TA DIODES-FZT857TA Datasheet
446Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR
More results

Similar Description - FZT857TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
   300V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT655TA DIODES-FZT655TA Datasheet
216Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT855TA DIODES-FZT855TA Datasheet
406Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com