Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVC244APYG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74LVC244APYG
Description  3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC244APYG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVC244APYG Datasheet HTML 1Page - Integrated Device Technology IDT74LVC244APYG Datasheet HTML 2Page - Integrated Device Technology IDT74LVC244APYG Datasheet HTML 3Page - Integrated Device Technology IDT74LVC244APYG Datasheet HTML 4Page - Integrated Device Technology IDT74LVC244APYG Datasheet HTML 5Page - Integrated Device Technology IDT74LVC244APYG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC244A
3.3VCMOSOCTALBUFFER/DRIVERWITH3-STATEOUTPUTS
1
OCTOBER 2008
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 1999 Integrated Device Technology, Inc.
DSC-4614/3
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• Rail-to-rail output swing for increased noise margin
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SOIC, SSOP, QSOP, and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
IDT74LVC244A
DESCRIPTION:
The LVC244A device is organized as two 4-bit line drivers with separate
output-enable (
OE) inputs. When OE is low, the device passes data from
the A inputs to the Y outputs. When
OE is high, the outputs are in the high-
impedance state.
The LVC244A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
To ensure the high-impedance state during power up or power down,
OE should be tied to VCC through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V system environment.
3.3V CMOS
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O
1
A1
1
A2
1
A3
1
A4
1
Y1
1
Y2
1
Y3
1
Y4
2
A1
2
A2
2
A3
2
A4
2
Y1
2
OE
2
Y2
2
Y3
2
Y4
19
11
9
15
5
7
13
3
17
1
2
4
6
8
18
16
14
12
1
OE


Similar Part No. - IDT74LVC244APYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC244APY IDT-IDT74LVC244APY Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC244APYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC244A IDT-IDT74LVC244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC541A RENESAS-IDT74LVC541A Datasheet
454Kb / 7P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
February 20, 2009
logo
Integrated Device Techn...
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244A IDT-IDT74LVC2244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH2244A IDT-IDT74LVCH2244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVC16244A IDT-IDT74LVC16244A Datasheet
77Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74VC16244A IDT-IDT74VC16244A Datasheet
70Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16244A RENESAS-IDT74LVC16244A Datasheet
287Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC162244A IDT-IDT74LVC162244A Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC827A IDT-IDT74LVC827A Datasheet
68Kb / 6P
   3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com