Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V993A Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5V993A
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V993A Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5V993A_12 Datasheet HTML 1Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 2Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 3Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 4Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 5Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 6Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 7Page - Integrated Device Technology IDT5V993A_12 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
COMMERCIAL AND INDUSTRIAL TEMPERATURE
RANGES
IDT5V993A
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
EXTERNAL FEEDBACK
By providing external feedback, the IDT5V993A gives users flex-
ibility with regard to skew adjustment. The FB signal is compared
with the input REF signal at the phase detector in order to drive the
VCO. Phase differences cause the VCO of the PLL to adjust upwards
or downwards accordingly.
NOTES:
1. The device may be operated outside recommended frequency ranges without damage, but functional operation is not guaranteed. Selecting the appropriate FS value based on input
frequency range allows the PLL to operate in its ‘sweet spot’ where jitter is lowest.
2. The level to be set on FS is determined by the nominal operating frequency of the VCO and Time Unit Generator. The VCO frequency always appears at 1Q1:0, 2Q1:0, and the higher
outputs when they are operated in their undivided modes. The frequency appearing at the REF and FB inputs will be the same as the VCO when the output connected to FB is undivided.
The frequency of the REF and FB inputs will be 1/2 or 1/4 the VCO frequency when the part is configured for a frequency multiplication by using a divided output as the FB input.
3. Skew adjustment range assumes that a zero skew output is used for feedback. If a skewed Q output is used for feedback, then adjustment range will be greater. For example if a 4tU skewed
output is used for feedback, all other outputs will be skewed –4tU in addition to whatever skew value is programmed for those outputs. ‘Max adjustment’ range applies to output pairs 3 and
4 where ± 6tU skew adjustment is possible and at the lowest FNOM value.
An internal loop filter moderates the response of the VCO to the
phase detector. The loop filter transfer function has been chosen to
provide minimal jitter (or frequency variation) while still providing ac-
curate responses to input frequency changes.
FS = LOW
FS = MID
FS = HIGH
Comments
Timing Unit Calculation (tU)
1/(44 x FNOM)
1/(26 x FNOM)
1/(16 x FNOM)
VCO Frequency Range (FNOM)(1,2)
15 to 35MHz
25 to 60MHz
40 to 85 MHz
Skew Adjustment Range(3)
Max Adjustment:
±9.09ns
±9.23ns
±9.38ns
ns
±49°
±83°
±135°
Phase Degrees
±14%
±23%
±37%
% of Cycle Time
Example 1, FNOM = 15MHz
tU = 1.52ns
Example 2, FNOM = 25MHz
tU = 0.91ns
tU = 1.54ns
Example 3, FNOM = 30MHz
tU = 0.76ns
tU = 1.28ns
Example 4, FNOM = 40MHz
tU = 0.96ns
tU = 1.56ns
Example 5, FNOM = 50MHz
tU = 0.77ns
tU = 1.25ns
Example 6, FNOM = 80MHz
tU = 0.78ns
PLL PROGRAMMABLE SKEW RANGE AND RESOLUTION TABLE
CONTROL SUMMARY TABLE FOR FEEDBACK SIGNALS
nF1:0
Skew (Pair #1, #2)
Skew (Pair #3)
LL(1)
–4tU
Divide by 2
LM
–3tU
–6tU
LH
–2tU
–4tU
ML
–1tU
–2tU
MM
Zero Skew
Zero Skew
MH
1tU
2tU
HL
2tU
4tU
HM
3tU
6tU
HH
4tU
Divide by 4
NOTE:
1. LL disables outputs if TEST = MID and GND/sOE = HIGH.


Similar Part No. - IDT5V993A_12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT5V993A_12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com