Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2309-1HDCGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT2309-1HDCGI
Description  3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309-1HDCGI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT2309-1HDCGI Datasheet HTML 1Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 2Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 3Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 4Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 5Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 6Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 7Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 8Page - Integrated Device Technology IDT2309-1HDCGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309
3.3VZERODELAYCLOCKBUFFER
SWITCHING CHARACTERISTICS (2309-1H) - INDUSTRIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
OutputFrequency
10pFLoad
10
133
MHz
30pFLoad
10
100
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT <50MHz
45
50
55
%
t3
Rise Time
Measured between 0.8V and 2V
1.5
ns
t4
Fall Time
Measured between 0.8V and 2V
1.5
ns
t5
Output to Output Skew
Alloutputsequallyloaded
250
ps
t6A
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t6B
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2 in PLL bypass mode (IDT2309 only)
1
5
8.7
ns
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate
Measured between 0.8V and 2V using Test Circuit 2
1
V/ns
tJ
Cycle-to-Cycle Jitter
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.
SWITCHING CHARACTERISTICS (2309-1) - INDUSTRIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
OutputFrequency
10pFLoad
10
133
MHz
30pFLoad
10
100
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
t3
Rise Time
Measured between 0.8V and 2V
2.5
ns
t4
Fall Time
Measured between 0.8V and 2V
2.5
ns
t5
Output to Output Skew
Alloutputsequallyloaded
250
ps
t6A
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t6B
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2 in PLL bypass mode (IDT2309 only)
1
5
8.7
ns
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
tJ
Cycle-to-Cycle Jitter
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.


Similar Part No. - IDT2309-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309-1HDCGI IDT-IDT2309-1HDCGI Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2309-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com