Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2309-1DCGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT2309-1DCGI
Description  3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309-1DCGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT2309-1DCGI Datasheet HTML 2Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 3Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 4Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 5Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 6Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 7Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 8Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 9Page - Integrated Device Technology IDT2309-1DCGI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309
3.3VZERODELAYCLOCKBUFFER
ORDERINGINFORMATION
Ordering Code
PackageType
Operating Range
IDT2309-1DCG
16-Pin SOIC
Commercial
IDT2309-1DCGI
16-Pin SOIC
Industrial
IDT2309-1HDCG
16-Pin SOIC
Commercial
IDT2309-1HDCGI
16-Pin SOIC
Industrial
IDT2309-1HPG
16-Pin TSSOP
Commercial
IDT2309-1HPGG
16-Pin TSSOP
Commercial
IDT2309-1HPGI
16-Pin TSSOP
Industrial
IDT2309-1HPGGI
16-Pin TSSOP
Industrial
IDT
XXXXX
XX
X
Package
Process
Device Type
Blank
I
2309-1
2309-1H
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Zero Delay Clock Buffer
High Drive Output
Small Outline
SOIC - Green
Thin Shrink Small Outline Package
TSSOP - Green
DC
DCG
PG
PGG
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
clockhelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com


Similar Part No. - IDT2309-1DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309-1DC IDT-IDT2309-1DC Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309-1DCI IDT-IDT2309-1DCI Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2309-1DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com