Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V321CA40PS Datasheet(PDF) 2 Page - Littelfuse

Part # V321CA40PS
Description  High Energy Industrial Disc Varistors > CA Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V321CA40PS Datasheet(HTML) 2 Page - Littelfuse

  V321CA40PS Datasheet HTML 1Page - Littelfuse V321CA40PS Datasheet HTML 2Page - Littelfuse V321CA40PS Datasheet HTML 3Page - Littelfuse V321CA40PS Datasheet HTML 4Page - Littelfuse V321CA40PS Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2013 Littelfuse, Inc.
182
Revised: May 8, 2013
Varistor Products
CA Varistor Series
High Energy Industrial Disc Varistors > CA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ca.html for current information.
CA Series Ratings & Specifications
Part
Number
Device Branding
Size
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at 1mA
DC Test Current
Max Clamping
Volt Vc at 200A
Current
(8/20μs)
Typical
Capacitance
V
RMS
V
DC
Energy
(2ms)
Peak
Current
(8/20μs)
V
M(AC)
V
M(DC)
W
TM
I
TM
Min
V
NOM
Max
V
C
f = 1MHz
(mm)
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V251CA60
60
250
330
880
50000
354
390
429
620
10000
V271CA60
60
275
369
950
50000
389
430
473
680
9000
V321CA60
60
320
420
1100
50000
462
510
561
760
7500
V421CA60
60
420
560
1500
70000
610
680
748
1060
6000
V481CA60
60
480
640
1600
70000
670
750
825
1160
5500
V511CA60
60
510
675
1800
70000
735
820
910
1300
5000
V571CA60
60
575
730
2100
70000
805
910
1000
1420
4500
V661CA60
60
660
850
2300
70000
940
1050
1160
1640
4000
V751CA60
60
750
970
2600
70000
1080
1200
1320
1880
3500
V881CA60
60
880
1150
3200
70000
1290
1500
1650
2340
2700
V112CA60
V142CA60
V172CA60
V202CA60
V242CA60
V282CA60
60
60
60
60
60
60
1100
1400
1700
2000
2400
2800
1400
1750
2150
2500
3000
3500
3800
5000
6000
7500
8800
10000
70000
70000
70000
70000
70000
70000
1620
2020
2500
2970
3510
4230
1800
2200
2700
3300
3900
4700
2060
2550
3030
3630
4290
5170
2940
3600
4300
5200
6200
7400
2200
1800
1500
1200
1000
800
NOTE: Average power dissipation of transients should not exceed 2.5W for CA60 discs.
Should transients occur in rapid succession, the average power
dissipation result is the energy (watt-seconds) per pulse times
the number of pulses per second. The power so developed must
be within the specifications shown on the Device Ratings and
Specifications table for the specific device. Furthermore, the
operating values need to be derated at high temperatures as
shown in above. Because varistors can only dissipate a relatively
small amount of average power they are, therefore, not suitable
for repetitive applications that involve substantial amounts of
average power dissipation.
Power Dissipation Ratings
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140
150
AMBIENT TEMPERATURE ( oC)
Figure 1
Figure 2


Similar Part No. - V321CA40PS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V321CA40 LITTELFUSE-V321CA40 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results

Similar Description - V321CA40PS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com