Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16245A Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74LVCH16245A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16245A Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74LVCH16245A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16245A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16245A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16245A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16245A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16245A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input Leakage Current
VCC = 3.6V
VI = 0 to 5.5V
±5µ A
IIL
IOZH
High Impedance Output Current
VCC = 3.6V
VO = 0 to 5.5V
±10
µ A
IOZL
(3-State Output pins)
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
5.5V
±50
µ A
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
VIN = GND or VCC
——
10
µ A
ICCH
ICCZ
3.6
VIN 5.5V(2)
——
10
ΔICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
500
µ A
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = –40°C to +85°C
NOTES:
1.
Typical values are at VCC = 3.3V, +25°C ambient.
2.
This applies in the disabled state only.
BUS-HOLDCHARACTERISTICS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-Hold Input Sustain Current
VCC = 3V
VI = 2V
– 75
µ A
IBHL
VI = 0.8V
75
IBHH
Bus-Hold Input Sustain Current
VCC = 2.3V
VI = 1.7V
µ A
IBHL
VI = 0.7V
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
±500
µ A
IBHLO
NOTES:
1.
Pins with Bus-Hold are identified in the pin description.
2.
Typical values are at VCC = 3.3V, +25°C ambient.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn