Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP450H6327 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP450H6327
Description  High Linearity Silicon Bipolar RF Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450H6327 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP450H6327 Datasheet HTML 1Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 2Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 3Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 4Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 5Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 6Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 7Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 8Page - Infineon Technologies AG BFP450H6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
BFP450
List of Figures
Datasheet
5
Revision 1.1, 2012-09-11
Figure 4-1
Total Power Dissipation Ptot = f (Ts) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5-1
BFP450 Testing Circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5-2
Collector Current vs. Collector Emitter Voltage IC = f (VCE), IB = Parameter in mA . . . . . . . . . . . . 16
Figure 5-3
DC Current Gain hFE = f (IC), VCE = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 5-4
Collector Current vs. Base Emitter Voltage IC = f (VBE), VCE = 2 V. . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 5-5
Base Current vs. Base Emitter Forward Voltage IB = f (VBE), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 17
Figure 5-6
Base Current vs. Base Emitter Reverse Voltage IB = f (VEB), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 18
Figure 5-7
Transition Frequency fT = f (IC), f = 1 GHz, VCE = Parameter in V . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5-8
3rd Order Intercept Point OIP3 = f (IC), ZS = ZL= 50 Ω, VCE, f = Parameters . . . . . . . . . . . . . . . . . 19
Figure 5-9
Collector Base Capacitance CCB = f (VCB), f = 1 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5-10 Gain Gma, Gms, IS21I² = f (f), VCE = 3 V, IC = 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5-11 Maximum Power Gain Gmax = f (IC), VCE = 3 V, = Parameter in GHz . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 5-12 Maximum Power Gain Gmax = f (VCE), IC = 90 mA, = Parameter in GHz . . . . . . . . . . . . . . . . . . . . 21
Figure 5-13 Input Matching S11 = f (f), VCE = 3 V, IC = 50 / 90 mA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 5-14 Source Impedance for Minimum Noise Figure = f (f), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . 22
Figure 5-15 Output Matching S22 = f (f), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 5-16 Noise Figure NFmin = f (f), VCE = 3 V, IC = 50 / 90 mA, ZS = Zopt . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 5-17 Noise Figure NFmin = f (IC), VCE = 3 V, ZS = Zopt= Parameter in GHz. . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5-18 Noise Figure NF50 = f (IC), VCE = 3 V, ZS = 50 Ω= Parameter in GHz . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5-19 Comparison Noise Figure NF50 / NFmin= f (IC), VCE = 3 V, f = 1.9 GHz . . . . . . . . . . . . . . . . . . . . . 25
Figure 7-1
Package Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-2
Package Footprint. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-3
Marking Description (Marking BFP450: ANs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-4
Tape Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
List of Figures


Similar Part No. - BFP450H6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP450 INFINEON-BFP450 Datasheet
1Mb / 27P
   High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450 INFINEON-BFP450 Datasheet
1Mb / 28P
   Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
   High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
More results

Similar Description - BFP450H6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650H6327 INFINEON-BFP650H6327 Datasheet
1Mb / 29P
   High Linearity Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-13
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP181 INFINEON-BFP181_13 Datasheet
553Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-10-15
BFR182 INFINEON-BFR182_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR106 INFINEON-BFR106_13 Datasheet
622Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFR92P INFINEON-BFR92P_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP540FESD INFINEON-BFP540FESD_13 Datasheet
538Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-05
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com