Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V28L Datasheet(PDF) 14 Page - Integrated Device Technology

Part No. IDT70V28L
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT70V28L Datasheet(HTML) 14 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IDT70V28L
High-Speed 3.3V 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
14
Functional Description
The IDT70V28 provides two ports with separate control, address
and I/O pins that permit independent access for reads or writes to any
location in memory. The IDT70V28 has an automatic power down
feature controlled by
CE. The CE0 and CE1 control the on-chip power
down circuitry that permits the respective port to go into a standby
mode when not selected (
CE = HIGH). When a port is enabled, access
to the entire memory array is permitted.
Interrupts
If the user chooses the interrupt function, a memory location (mail
box or message center) is assigned to each port. The left port interrupt
flag (
INTL) is asserted when the right port writes to memory location
FFFE (HEX), where a write is defined as
CER = R/WR = VIL per Truth
Table IV. The left port clears the interrupt through access of
address location FFFE when
CEL = OEL = VIL, R/W is a "don't care".
Likewise, the right port interrupt flag (
INTR) is asserted when the left
port writes to memory location FFFF (HEX) and to clear the interrupt
flag (
INTR), the right port must read the memory location FFFF. The
message (16 bits) at FFFE or FFFF is user-defined since it is an
addressable SRAM location. If the interrupt function is not used, address
locations FFFE and FFFF are not used as mail boxes, but
as part of the random access memory. Refer to Truth Table IV for
the interrupt operation.
Truth Table V —
Address BUSY Arbitration(4)
NOTES:
1.
Pins
BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSY outputs on the IDT70V28 are push-
pull, not open drain outputs. On slaves the
BUSY input internally inhibits writes.
2.
"L" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "H" if the inputs to the opposite port became stable after the address and
enable inputs of this port. If tAPS is not met, either
BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously.
3.
Writes to the left port are internally ignored when
BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when
BUSYR outputs are driving LOW regardless of actual logic level on the pin.
4. Refer to Truth Table I - Chip Enable.
Truth Table VI — Example of Semaphore Procurement Sequence(1,2,3)
NOTES:
1.
This table denotes a sequence of events for only one of the eight semaphores on the IDT70V28.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O15). These eight semaphores are addressed by A0 - A2.
3.
CE = VIH, SEM = VIL to access the semaphores. Refer to Truth Table III - Semaphore Read/Write Control.
Inputs
Outputs
Function
CEL
CER
AOL-A15L
AOR-A15R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
LL
MATCH
(2)
(2)
Write Inhibit(3)
4849 tbl 17
Functions
D0 - D15 Left
D0 - D15 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
4849 tbl 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn