Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V28L Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. IDT70V28L
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V28L Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT70V28L_08 Datasheet HTML 9Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 10Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 11Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 12Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 13Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 14Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 15Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 16Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
IDT70V28L
High-Speed 3.3V 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table IV — Interrupt Flag(1,4,5)
Waveform of Interrupt Timing(1,5)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. Refer to Interrupt Truth Table.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
5. Refer to Truth Table I - Chip Enable.
NOTES:
1.
Assumes
BUSYL = BUSYR =VIH.
2.
If
BUSYL = VIL, then no change.
3.
If
BUSYR = VIL, then no change.
4.
INTL and INTR must be initialized at power-up.
5. Refer to Truth Table I - Chip Enable.
4849 drw 15
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/
W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)
4849 drw 16
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)
Left Port
Right Port
Function
R/
WL
CEL
OEL
A15L-A0L
INTL
R/
WR
CER
OER
A15R-A0R
INTR
L
L
X
FFFF
X
X
X
X
X
L(2)
Set Right
INTR Flag
X
X
X
X
X
X
L
L
FFFF
H
(3)
Reset Right
INTR Flag
XX
X
X
L
(3)
L
L
X
FFFE
X
Set Left
INTL Flag
X
L
L
FFFE
H(2)
X
X
X
X
X
Reset Left
INTL Flag
4849 tbl 16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn