Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V28L Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT70V28L
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V28L Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V28L_08 Datasheet HTML 1Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 2Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 3Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 4Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 5Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 6Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 7Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 8Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2008 Integrated Device Technology, Inc.
1
OCTOBER 2008
DSC-4849/5
I/O
Control
Address
Decoder
64Kx16
MEMORY
ARRAY
70V28
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A15L
A0L
SEML
INTL
(2)
BUSYL
(1,2)
LBL
CE0L
OEL
UBL
I/O
Control
Address
Decoder
CE0R
OER
R/
WR
A15R
A0R
SEMR
INTR
(2)
BUSYR
(1,2)
LBR
R/WR
OER
UBR
M/
S
(1)
CE1L
CE0R
CE1R
4849 drw 01
I/O
CE1R
CE1L
8-15L
I/O
I/O0-7R
I/O8-15R
0-7L
R/WL
16
16
Functional Block Diagram
M/
S = VIH for BUSY output flag on Master,
M/
S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate upper-byte and lower-byte controls for multi-
plexed bus and bus matching compatibility
LVTTL-compatible, single 3.3V (±0.3V) power supply
Available in a 100-pin TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 15/20ns (max.)
– Industrial: 20ns (max.)
Low-power operation
– IDT70V28L
Active: 440mW (typ.)
Standby: 660µW (typ.)
Dual chip enables allow for depth expansion without
external logic
IDT70V28 easily expands data bus width to 32 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED 3.3V
64K x 16 DUAL-PORT
STATIC RAM
IDT70V28L
NOTES:
1.
BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
2.
BUSY and INT are non-tri-state totem-pole outputs (push-pull).
Green parts available, see ordering information


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn