Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V28L Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT70V28L
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V28L Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V28L_08 Datasheet HTML 1Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 2Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 3Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 4Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 5Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 6Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 7Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 8Page - Integrated Device Technology IDT70V28L_08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
IDT70V28L
High-Speed 3.3V 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(5) (VCC = 3.3V ± 0.3V)
NOTES:
1. VCC = 3.3V, TA = +25°C, and are not production tested. ICCDC = 90mA (Typ.)
2. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions" of input levels of GND
to 3V.
3. f = 0 means no address or control lines change.
4. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
5. Refer to Truth Table I - Chip Enable.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 3.3V ± 0.3V)
NOTES:
1. At Vcc
< 2.0V, input leakages are undefined.
2. Refer to Truth Table I -
Chip Enable.
Symbol
Parameter
Test Conditions
70V28L
Unit
Min.
Max.
|ILI|
Input Leakage Current
(1)
VCC = 3.6V, VIN = 0V to VCC
___
5µ A
|ILO|
Output Leakage Current
CE(2) = VIH, VOUT = 0V to VCC
___
5µ A
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
4849 tbl 09
70V28L15
Com'l Only
70V28L20
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
(1)
Max.
Typ.
(1)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(2)
COM'L
L
145
235
135
205
mA
IND
L
___
___
135
220
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX
(2)
COM'L
L
40
70
35
55
mA
IND
L
___
___
35
65
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A" = VIL and CE"B" = VIH(4)
Active Port Outputs Disabled,
f=fMAX
(2), SEMR = SEML = VIH
COM'L
L
100
155
90
140
mA
IND
L
___
___
90
150
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and CER > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V, f = 0
(3)
SEMR = SEML > VCC - 0.2V
COM'L
L
0.2
3.0
0.2
3.0
mA
IND
L
___
___
0.2
3.0
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and CE"B" > VCC - 0.2V(4),
SEMR = SEML > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V,
Active Port Outputs Disabled , f = fMAX(2)
COM'L
L
95
150
90
135
mA
IND
L
___
___
90
145
4849 tbl 10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn