Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V28L Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. IDT70V28L
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT70V28L Datasheet(HTML) 17 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
IDT70V28L
High-Speed 3.3V 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Ordering Information
4849 drw 19
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto +85°C)
PF
100-pin TQFP (PN100-1)
15
20
L
Low Power
XXXXX
Device
Type
1024K (64K x 16) Dual-Port RAM
70V28
Speed in nanoseconds
Commercial Only
Commercial & Industrial
.
A
G(2)
Green
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History:
08/01/99:
InitialPublicOffering
01/10/01:
Page 3
Increased storage temperature parameter
Clarified TA Parameter
Page 5
DC Electrical parameters–changed wording from "open" to "disabled"
Added Truth Table I - Chip Enable as note 5
Page 7
Corrected ±200mV to 0mV in notes
Page 5, 7, 10 & 12 Added Industrial Temperature information
Page 14
Added IV to Truth Table info in "Interrupts" paragraph
Page 17
Removed Preliminary status
01/02/02:
Page 1 & 17
Replaced IDT logo
Pages 5, 7, 10 & 12 Removed Industrial Temperature range for 15ns from DC & AC Electrical Characteristics
01/20/06:
Page 1
Added green availability to features
Page 17
Added green indicator to ordering information
10/23/08:
Page 17
Removed "IDT" from orderable part number
NOTE:
1. Contact your sales office for Industrial Temperature range in other speeds, packages and powers.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn