Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9310 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5T9310
Description  2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9310 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5T9310 Datasheet HTML 1Page - Integrated Device Technology IDT5T9310 Datasheet HTML 2Page - Integrated Device Technology IDT5T9310 Datasheet HTML 3Page - Integrated Device Technology IDT5T9310 Datasheet HTML 4Page - Integrated Device Technology IDT5T9310 Datasheet HTML 5Page - Integrated Device Technology IDT5T9310 Datasheet HTML 6Page - Integrated Device Technology IDT5T9310 Datasheet HTML 7Page - Integrated Device Technology IDT5T9310 Datasheet HTML 8Page - Integrated Device Technology IDT5T9310 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT5T9310
2.5VLVDS1:10CLOCKBUFFERTERABUFFERII
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR LVTTL(1)
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max
Unit
InputCharacteristics
IIH
Input HIGH Current
VDD = 2.7V
±5
µA
IIL
InputLOWCurrent
VDD = 2.7V
±5
VIK
ClampDiodeVoltage
VDD = 2.3V, IIN = -18mA
- 0.7
- 1.2
V
VIN
DCInputVoltage
- 0.3
+3.6
V
VIH
DC Input HIGH
1.7
V
VIL
DC Input LOW
0.7
V
VTHI
DCInputThresholdCrossingVoltage
VDD /2
V
VREF
Single-EndedReferenceVoltage(3)
3.3VLVTTL
1.65
V
2.5VLVTTL
1.25
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. Typical values are at VDD = 2.5V, +25°C ambient.
3. For A[1:2] single-ended operation, A[1:2] is tied to a DC reference voltage.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR DIFFER-
ENTIAL INPUTS(1)
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max
Unit
InputCharacteristics
IIH
Input HIGH Current
VDD = 2.7V
±5
µA
IIL
InputLOWCurrent
VDD = 2.7V
±5
VIK
ClampDiodeVoltage
VDD = 2.3V, IIN = -18mA
- 0.7
- 1.2
V
VIN
DCInputVoltage
- 0.3
+3.6
V
VDIF
DCDifferentialVoltage(3)
0.1
V
VCM
DC Common Mode Input Voltage(4)
0.05
VDD
V
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. Typical values are at VDD = 2.5V, +25°C ambient.
3. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input level. The DC differential
voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC differential voltage must be achieved to guarantee switching to a new state.
4. VCM specifies the maximum allowable range of (VTR + VCP) /2.
DC ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
RANGE FOR LVDS(1)
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max
Unit
OutputCharacteristics
VOT(+)
DifferentialOutputVoltagefortheTrueBinaryState
247
454
mV
VOT(-)
DifferentialOutputVoltagefortheFalseBinaryState
247
454
mV
∆VOT
ChangeinVOTBetweenComplementaryOutputStates
50
mV
VOS
OutputCommonModeVoltage(OffsetVoltage)
1.125
1.2
1.375
V
∆VOS
ChangeinVOSBetweenComplementaryOutputStates
50
mV
IOS
OutputsShortCircuitCurrent
VOUT + and VOUT - = 0V
12
24
mA
IOSD
DifferentialOutputsShortCircuitCurrent
VOUT + = VOUT -—
6
12
mA
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. Typical values are at VDD = 2.5V, TA = +25°C ambient.


Similar Part No. - IDT5T9310

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9310NLI IDT-IDT5T9310NLI Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
More results

Similar Description - IDT5T9310

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
   2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
   2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_08 Datasheet
219Kb / 14P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
IDT5T9302I RENESAS-IDT5T9302I Datasheet
387Kb / 16P
   2.5V LVDS, 1:2 Clock Buffer Terabuffer™II
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com