Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87004I-03 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS87004I-03
Description  LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87004I-03 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS87004I-03 Datasheet HTML 1Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 2Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 3Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 4Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 5Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 6Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 7Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 8Page - Integrated Device Technology ICS87004I-03 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
ICS87004I-03
IDT/ ICSLVCMOS/LVTTL FANOUT BUFFER/DIVIDER
1
ICS87004BGI-03 REV. B JUNE 10, 2008
PRELIMINARY
GENERAL DESCRIPTION
The ICS87004I-03 is a low skew, ÷1, ÷2 ÷3, ÷4 ÷5,
÷6 ÷8, ÷16 LVCMOS/LVTTL Fanout Buffer/Divider
and a member of theHiPerClockS™ family of High
Perfo r mance Clock Solutions from IDT. The
ICS87004I-03 has selectable clock inputs that
accept single ended input levels. Output enable pin controls
whether the output is in the active or high impedance state.
The ICS87004I-03 is characterized at 3.3V, 2.5V and mixed
3.3V/2.5V, 3.3V/1.8V, 2.5V/1.8V input/output supply operating
modes.Guaranteed bank, output, and par t-to-par t skew
character istics make the ICS87004I-03 ideal for those
applications demanding well defined perfo r mance and
repeatability.
FEATURES
• Two banks of two LVCMOS/LVTTL outputs,
15
Ω typical output impedance
• Selectable LVCMOS/LVTTL clock inputs
• LVCMOS_CLK supports the following input types: LVCMOS,
LVTTL
Maximum output frequency: 250MHz
Output skew: 40ps (typical)
Bank skew: 20ps (typical)
Part-to-part skew: TBD
• Power supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization
and/or qualification. Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
PIN ASSIGNMENT
CLK0
CLK1
QA0
QA1
CLK_SEL
NB2:NB0
OEB
N Output Divider
NA2:NA0
0 0 0 ÷1 (default)
0 0 1 ÷2
0 1 0 ÷3
0 1 1 ÷4
1 0 0 ÷5
1 0 1 ÷6
1 1 0 ÷8
1 1 1 ÷16
N Output Divider
NB2:NB0
0 0 0 ÷1 (default)
0 0 1 ÷2
0 1 0 ÷3
0 1 1 ÷4
1 0 0 ÷5
1 0 1 ÷6
1 1 0 ÷8
1 1 1 ÷16
0
1
3
3
Pulldown
Pulldown
Pullup
Pulldown
Pulldown
V
DD0A
V
DD0B
QB0
QB1
BLOCK DIAGRAM
OEA
NA2:NA0
ICS87004I-03
20-Lead TSSOP
6.50mm x 4.40mm x 0.925mm package body
G Package
Top View
Pulldown
Pullup
VDD
NA2
NA1
NA0
CLK0
CLK_SEL
CLK1
NB2
NB1
NB0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEA
VDDOA
QA0
QA1
GND
QB1
QB0
VDDOB
GND
OEB


Similar Part No. - ICS87004I-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
   LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results

Similar Description - ICS87004I-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
   LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Integrated Circuit Syst...
ICS84025 ICST-ICS84025 Datasheet
146Kb / 12P
   CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
logo
Integrated Device Techn...
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
   LVCMOS/LVTTL-to-LVDS Fanout Buffer
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
   LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
83026I-01 IDT-83026I-01 Datasheet
176Kb / 15P
   Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS870S208 RENESAS-ICS870S208 Datasheet
633Kb / 21P
   Differential-to-LVCMOS/LVTTL Fanout Buffer w/Divider and Glitchless Switch
APRIL 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com