Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS34XVH245Q3G Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS34XVH245Q3G
Description  QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS34XVH245Q3G Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS34XVH245Q3G Datasheet HTML 1Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 2Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 3Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 4Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 5Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 6Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 7Page - Integrated Device Technology IDTQS34XVH245Q3G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIAL TEMPERATURE RANGE
IDTQS34XVH245
2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) SupplyVoltage to Ground
–0.5 to +4.6
V
VTERM(3) DC Switch Voltage VS
–0.5 to +5.5
V
VTERM(3) DC Input Voltage VIN
–0.5 to +5.5
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current (max. sink current/pin)
120
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
Symbol
Parameter(1)
Typ.
Max.
Unit
CIN
Control Inputs
3
5
pF
CI/O
Quickswitch Channels (Switch OFF)
4
6
pF
CI/O
Quickswitch Channels (Switch ON)
8
12
pF
CAPACITANCE (TA = +25°C, F = 1MHz, VIN = 0V, VOUT =
0V)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
OEx
Function
H
Disconnected
L
Connect (Ax = Bx)
FUNCTION TABLE(1)
NOTE:
1. This parameter is guaranteed but not production tested.
Pin Names
I/O
Description
OEx
I
Output Enable
Ax
I/O
Bus A
Bx
I/O
Bus B
PIN DESCRIPTION
QVSOP
TOP VIEW
NC
A0
A1
A2
A3
GND
A10
A11
A12
A13
NC
A20
A21
A22
A23
GND
A24
A25
GND
GND
2
3
4
5
6
7
8
73
74
75
76
77
78
79
80
1
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
56
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
40
25
58
59
60
61
62
63
64
65
66
67
68
69
70
71
57
72
Vcc
Vcc
Vcc
Vcc
A4
A5
A6
A7
A8
A9
A14
A15
A16
A17
A18
A19
A26
A27
A28
A29
A30
A31
B0
B1
B2
B3
B4
B5
B6
B7
B10
B11
B12
B13
B8
B9
B14
B15
B20
B21
B22
B23
B16
B17
B18
B19
B24
B25
B26
B27
B28
B29
B30
B31
NC
NC
OE1
OE2
OE3
OE4


Similar Part No. - IDTQS34XVH245Q3G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34XVH245Q3 IDT-IDTQS34XVH245Q3 Datasheet
77Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS34XVH245Q3G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS34XVH245Q3G IDT-QS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245 Datasheet
74Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH245 IDT-IDTQS34XVH245 Datasheet
77Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS34XVH2245 RENESAS-IDTQS34XVH2245 Datasheet
437Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
QS3VH861QG IDT-QS3VH861QG Datasheet
278Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS34XVH245 RENESAS-IDTQS34XVH245 Datasheet
436Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
QS3126S1G IDT-QS3126S1G Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
logo
List of Unclassifed Man...
QS3VH257PAG ETC2-QS3VH257PAG Datasheet
275Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com