Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH253QG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS3VH253QG
Description  QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH253QG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS3VH253QG Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH253QG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH253
2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C
VCC = 2.5 ± 0.2V (1)
VCC = 3.3 ± 0.3V (1)
Symbol
Parameter
Min. (4)
Max.
Min. (4)
Max.
Unit
tPLH
Data Propagation Delay(2,3)
0.2
0.2
ns
tPHL
Yx to Ixx or Ixx to Yx
tSEL
Select Time
1.5
9
1.5
8
ns
S to Yx
tPZH
Enable Time
1.5
9
1.5
9
ns
tPZL
Sx to Ixx
tPHZ
Disable Time
1.5
8
1.5
8
ns
tPLZ
Sx to Ixx
tPZH
Enable Time
1.5
9
1.5
8
ns
tPZL
Ex to Yx or Ixx
tPHZ
Disable Time
1.5
8
1.5
8
ns
tPLZ
Ex to Yx or Ixx
fExorSx
Operating Frequency - Enable(2,5)
10
20
MHz
NOTES:
1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the
order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation
delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4. Minimums are guaranteed but not production tested.
5. Maximum toggle frequency for Sx or
Ex control input (pass voltage > VCC, VIN = 5V, RLOAD
≥ 1MΩ, no CLOAD).


Similar Part No. - IDTQS3VH253QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253 Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH253 IDT-IDTQS3VH253 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH253-PA IDT-IDTQS3VH253-PA Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH253-Q IDT-IDTQS3VH253-Q Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH253QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253 Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
logo
List of Unclassifed Man...
QS3VH257PAG ETC2-QS3VH257PAG Datasheet
275Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH257S1G8 IDT-IDTQS3VH257S1G8 Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH251 IDT-IDTQS3VH251 Datasheet
73Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH251 RENESAS-IDTQS3VH251 Datasheet
449Kb / 9P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH257 RENESAS-IDTQS3VH257 Datasheet
445Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS34XVH245Q3G IDT-IDTQS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com