Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7M-A10030-BS1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # R7M-A10030-BS1
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R7M-A10030-BS1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  R7M-A10030-BS1 Datasheet HTML 1Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 2Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 3Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 4Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 5Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 6Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 7Page - Omron Electronics LLC R7M-A10030-BS1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
I-12
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
SmartStep Servos
Servo Motor General Specifications
Servo Motor Performance Specifications
Flat Servo Motors without Brakes
Flat Servo Motors with Brakes
Item
Specification
Operating ambient
0
° C to 40° C (32° F to 104° F), 20% to 80% RH (with no condensation)
Storage ambient
-20
° C to 60° C (-4° F to 140° F), 20% to 80% RH (with no condensation)
Storage/operating atmosphere No corrosive gases
Vibration resistance
10 to 2,500 Hz in X, Y, and Z directions with 0.2 mm double amplitude or acceleration of 24.5 m/s2 max., whichever is smaller
Impact resistance
Acceleration 98 m/s2max., in a vertical direction, two times
Insulation resistance
Between power line terminals and FG: 10 M
Ω min. (at 500 VDC)
Dielectric strength
Between power line terminals and FG: 1,500 V AC for 1 min at 50/60 Hz
Run position
Any direction
Insulation grade
Type B
Structure
Totally-enclosed self-cooling
Protective structure
IP55 for both the cylindrical and flat servo motors
Vibration grade
V-15
Mounting method
Flange-mounting
International standards
Approval obtained for UL, cUL, and EN (EMC directive and low-voltage directive)
Item
R7M-AP10030-S1
R7M-AP20030-S1
R7M-AP40030-S1
R7M-AP75030-S1
Rated output
100 W
200 W
400 W
750 W
Rated torque
0.318 N•m
0.637 N•m
1.27 N•m
2.39 N•m
Rated rotation speed
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
Momentary maximum rotation speed 4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
Momentary maximum torque
0.96 N•m
1.91 N•m
3.82 N•m
7.1 N•m
Rated current
0.89 A (rms)
2.0 A (rms)
2.6 A (rms)
4.1 A (rms)
Momentary maximum current
2.8 A (rms)
6.0 A (rms)
8.0 A (rms)
13.9 A (rms)
Rotor inertia
6.5 ×10-6 kg•m2
2.09 ×10-5 kg•m2
3.47 ×10-5 kg•m2
2.11 ×10-4 kg•m2
Power rate
15.7 kW/s
19.4 kW/s
46.8 kW/s
26.9 kW/s
Allowable radial load
78 N
245 N
245 N
392 N
Allowable thrust load
49 N
68 N
68 N
147 N
Weight (without brake -S1)
0.7 kg
1.4 kg
2.1 kg
4.2 kg
Applicable servo driver
R7D-AP01H/L
R7D-AP02H/L
R7D-AP04H/L
R7D-AP08H
Encoder resolution
2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z
Radiation shield dimensions
t6 ×250 mm square
t12 ×300 mm square
Item
R7M-AP10030-BS1
R7M-AP20030-BS1
R7M-AP40030-BS1
R7M-AP75030-BS1
Rated output
100 W
200 W
400 W
750 W
Rated torque
0.318 N•m
0.637 N•m
1.27 N•m
2.39 N•m
Rated rotation speed
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
Momentary maximum rotation speed
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
Momentary maximum torque
0.96 N•m
1.91 N•m
3.82 N•m
7.1 N•m
Rated current
0.89 A (rms)
2.0 A (rms)
2.6 A (rms)
4.1 A (rms)
Momentary maximum current
2.8 A (rms)
6.0 A (rms)
8.0 A (rms)
13.9 A (rms)
Rotor inertia
6.5 ×10-6 kg•m2
2.09 ×10-5 kg•m2
3.47 ×10-5 kg•m2
2.11 ×10-4 kg•m2
Power rate
15.7 kW/s
19.4 kW/s
46.8 kW/s
26.9 kW/s
Allowable radial load
78 N
245 N
245 N
392 N
Allowable thrust load
49 N
68 N
68 N
147 N
Weight (with brake -BS1)
0.9 kg
1.9 kg
2.6 kg
5.7 kg
Applicable servo driver
R7D-AP01H/L
R7D-AP02H/L
R7D-AP04H/L
R7D-AP08H
Encoder resolution
2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z
Radiation shield dimensions
t6 ×250 mm square
t12 ×300 mm square
Brake
specifications
Brake inertia
3.1 ×10-6 kg•m2
1.52 ×10-5 kg•m2
1.52 ×10-5 kg•m2
8.75 ×10-5 kg•m2
Excitation voltage
24 V DC ±10%
Power consumption (at 20
° C)
6 W
5 W
7.6 W
7.5 W
Current consumption (at 20
° C) 0.25 A
0.21 A
0.32 A
0.31 A
Static friction torque
0.4 N•m min.
0.9 N•m min.
1.9 N•m min.
3.5 N•m min.
Attraction time
40 ms max.
40 ms max.
40 ms max.
40 ms max.
Release time
20 ms max.
20 ms max.
20 ms max.
20 ms max.
Backlash
1
°
1
°
1
°
1
°
Rating
Continuous
Continuous
Continuous
Continuous
Insulation grade
Type F
Type F
Type F
Type F


Similar Part No. - R7M-A10030-BS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7M-CT4E-R-AR MSYSTEM-R7M-CT4E-R-AR Datasheet
1Mb / 39P
   Remote I/O R7 Series MODBUS I/O MODULE
R7M-CT4E-R-AR/Q MSYSTEM-R7M-CT4E-R-AR/Q Datasheet
1Mb / 39P
   Remote I/O R7 Series MODBUS I/O MODULE
R7M-CT4E-R-AR/UL MSYSTEM-R7M-CT4E-R-AR/UL Datasheet
1Mb / 39P
   Remote I/O R7 Series MODBUS I/O MODULE
R7M-DA16-R-AR MSYSTEM-R7M-DA16-R-AR Datasheet
1Mb / 39P
   Remote I/O R7 Series MODBUS I/O MODULE
R7M-DA16-R-AR/Q MSYSTEM-R7M-DA16-R-AR/Q Datasheet
1Mb / 39P
   Remote I/O R7 Series MODBUS I/O MODULE
More results

Similar Description - R7M-A10030-BS1

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com