Electronic Components Datasheet Search |
|
R7A-PR02A Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
R7A-PR02A Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 8 page For complete specifications and additional models: U.S. www.omron.com/oei Canada www.omron.ca I-13 SmartStep Servos Cylindrical Servo Motors without Brakes Cylindrical Servo Motors with Brakes Item R7M-A03030-S1 R7M-A05030-S1 R7M-A10030-S1 R7M-A20030-S1 R7M-A40030-S1 R7M-A75030-S1 Rated output 30 W 50 W 100 W 200 W 400 W 750 W Rated torque 0.095 N•m 0.159 N•m 0.318 N•m 0.637 N•m 1.27 N•m 2.39 N•m Rated rotation speed 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. Momentary maximum rotation speed 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. Momentary maximum torque 0.29 N•m 0.48 N•m 0.96 N•m 1.91 N•m 3.82 N•m 7.1 N•m Rated current (rms) 0.42 A 0.6 A 0.87 A 2.0 A 2.6 A 4.4 A Momentary maximum current (rms) 1.3 A 1.9 A 2.8 A 6.0 A 8.0 A 13.9 A Rotor inertia 1.7 ×10-6 kg•m2 2.2 ×10-6 kg•m2 3.6 ×10-6 kg•m2 1.19 ×10-5 kg•m2 1.87 ×10-5 kg•m2 6.67 ×10-5 kg•m2 Power rate 5.31 kW/s 11.5 kW/s 28.1 kW/s 34.1 kW/s 86.3 kW/s 85.6 kW/s Allowable radial load 68 N 68 N 78 N 245 N 245 N 392 N Allowable thrust load 54 N 54 N 54 N 74 N 74 N 147 N Weight without brake 0.3 kg 0.4 kg 0.5 kg 1.1 kg 1.7 kg 3.4 kg Applicable servo driver R7D-APA3H R7D-APA5H R7D-AP01H R7D-AP02H R7D-AP04H R7D-AP08H Encoder resolution 2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z Radiation shield dimensions t6× 250 mm square Item R7M-A0303-BS1 R7M-A05030- BS1 R7M-A10030- BS1 R7M-A20030- BS1 R7M-A40030- BS1 R7M-A75030- BS1 Rated output 30 W 50 W 100 W 200 W 400 W 750 W Rated torque 0.095 N•m 0.159 N•m 0.318 N•m 0.637 N•m 1.27 N•m 2.39 N•m Rated rotation speed 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. 3,000 r/min. Momentary maximum rotation speed 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. 4,500 r/min. Momentary maximum torque 0.29 N•m 0.48 N•m 0.96 N•m 1.91 N•m 3.82 N•m 7.1 N•m Rated current (rms) 0.42 A 0.6 A 0.87 A 2.0 A 2.6 A 4.4 A Momentary maximum current (rms) 1.3 A 1.9 A 2.8 A 6.0 A 8.0 A 13.9 A Rotor inertia 1.7 ×10-6 kg•m2 2.2 ×10-6 kg•m2 3.6 ×10-6 kg•m2 1.19 ×10-5 kg•m2 1.87 ×10-5 kg•m2 6.67 ×10-5 kg•m2 Power rate 5.31 kW/s 11.5 kW/s 28.1 kW/s 34.1 kW/s 86.3 kW/s 85.6 kW/s Allowable radial load 68 N 68 N 78 N 245 N 245 N 392 N Allowable thrust load 54 N 54 N 54 N 74 N 74 N 147 N Weight with brake 0.6 kg 0.7 kg 0.8 kg 1.6 kg 2.2 kg 4.3 kg Applicable servo driver R7D-APA3H R7D-APA5H R7D-AP01H R7D-AP02H R7D-AP04H R7D-AP08H Encoder resolution 2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z Radiation shield dimensions t6× 250 mm square Brake specifica- tions Brake inertia 0.85 ×10-6 kg•m2 0.85 ×10-6 kg•m2 0.85 ×10-6 kg•m2 6.4 ×10-6 kg•m2 6.4 ×10-6 kg•m2 1.7 ×10-5 kg•m2 Excitation voltage 24 V DC ±10% V Power consumption (at 20 ° C) 6 W 6 W 6 W 7 W 7 W 7.7 W Current consumption (at 20 ° C) 0.25 A 0.25 A 0.25 A 0.29 A 0.29 A 0.32 A Static friction torque 0.2 N•m min. 0.2 N•m min. 0.34 N•m min. 1.47 N•m min. 1.47 N•m min. 2.45 N•m min. Attraction time 30 ms max. 30 ms max. 30 ms max. 60 ms max. 60 ms max. 60 ms max. Release time 60 ms max. 60 ms max. 60 ms max. 20 ms max. 20 ms max. 20 ms max. Backlash 1 ° 1 ° 1 ° 1 ° 1 ° 1 ° Rating Continuous Continuous Continuous Continuous Continuous Continuous Insulation grade Type F Type F Type F Type F Type F Type F |
Similar Part No. - R7A-PR02A |
|
Similar Description - R7A-PR02A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |