Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

954119DFLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 954119DFLF
Description  Programmable Timing Control Hub??for Next Gen P4??processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

954119DFLF Datasheet(HTML) 3 Page - Integrated Device Technology

  954119DFLF Datasheet HTML 1Page - Integrated Device Technology 954119DFLF Datasheet HTML 2Page - Integrated Device Technology 954119DFLF Datasheet HTML 3Page - Integrated Device Technology 954119DFLF Datasheet HTML 4Page - Integrated Device Technology 954119DFLF Datasheet HTML 5Page - Integrated Device Technology 954119DFLF Datasheet HTML 6Page - Integrated Device Technology 954119DFLF Datasheet HTML 7Page - Integrated Device Technology 954119DFLF Datasheet HTML 8Page - Integrated Device Technology 954119DFLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
Pin Description
PIN # PIN NAME
TYPE
DESCRIPTION
29
GND
PWR
Ground pin.
30
PCIEXC3
OUT
Complement clock of differential PCI_Express pair.
31
PCIEXT3
OUT
True clock of differential PCI_Express pair.
32
PCIEXC4
OUT
Complement clock of differential PCI_Express pair.
33
PCIEXT4
OUT
True clock of differential PCI_Express pair.
34
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
35
VDDA
PWR
3.3V power for the PLL core.
36
GNDA
PWR
Ground pin for the PLL core.
37
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
38
GND
PWR
Ground pin.
39
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
40
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
41
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
42
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
43
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
44
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
45
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
46
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
47
X2
OUT
Crystal output, Nominally 14.318MHz
48
X1
IN
Crystal input, Nominally 14.318MHz.
49
GND
PWR
Ground pin.
50
REF1
OUT
14.318 MHz reference clock.
51
REF0/FSLC
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS
values.
52
Reset#
OUT
Real time system reset signal for frequency gear ratio change or watchdog
timer timeout. This signal is active low.
53
PCICLK0
OUT
PCI clock output.
54
PCICLK1
OUT
PCI clock output.
55
PCICLK2
OUT
PCI clock output.
56
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V


Similar Part No. - 954119DFLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954119 RENESAS-954119 Datasheet
274Kb / 18P
   Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
More results

Similar Description - 954119DFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
   Programmable Timing Control Hub for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
   Programmable Timing Control Hub for Next Gen P4 processor
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
   Programmable Timing Control Hub for Next Gen P4 processor
logo
Integrated Device Techn...
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com