Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7D-AP04H Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # R7D-AP04H
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R7D-AP04H Datasheet(HTML) 1 Page - Omron Electronics LLC

  R7D-AP04H Datasheet HTML 1Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 2Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 3Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 4Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 5Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 6Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 7Page - Omron Electronics LLC R7D-AP04H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
I-8
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
SmartStep Servos
Cost-Effective Servo Capability with
Stepper Simplicity
Easily migrate from steppers to the higher precision of servos
in minutes with Omron's SmartStep servo drivers and ultra-
compact 3-phase servo motors. They accept pulse-train input
that can be configured quickly via simple DIP switches and
have an on-line auto-tuning function. SmartStep offers all the
simplicity and cost-effectiveness of a stepper with the added
advantages of the servo drive capability.
Motor Features
• Sizes 30 W to 750 W, rated speed 3,000 rpm
• Accepts incremental encoder input at 2,000 p/r
• Cylindrical and flat type servo motors available
• Peak torque up to three times continuous torque during 3
seconds
• Easy to install with pre-built cables
• Motors with brake are available
Driver Features
• Output range from 30 W to 750 W
• 300% peak current over nominal
• Control via pulse train (speed and position)
• Four position resolution settings:
• 500 pulses/rotation (0.72
° /step)
• 1,000 pulses/rotation (0.36
° /step)
• 5,000 pulses/rotation (0.072
° /step)
• 10,000 pulses/rotation (0.036
° /step)
• SmartStep does not require the use of PC configuration
software, making setup as easy as using a stepper motor for
basic capabilities
• To optimize performance, use PC software for on-line auto-
tuning of values and monitoring
Ordering Information
Add cable length to the part number in place of
@@@: 003 for 3 m cable, 005 for 5 m, 010 for 10 m, 015 for 15 m and 020 for 20 m.
Servos
SmartStep
K091
SMARTSTEP
Servo Drive
SMARTSTEP
Servo Motor
Computer Monitor
Software for Windows
Servo Relay Unit
Connector
Terminal Block
Position
Control
Module (with
pulse output)
Position
Control
Module,
Customizable
Counter
Module, or
DeviceNet
one-axis
Analog Monitor
Cable


Similar Part No. - R7D-AP04H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R7D-BP01H OMRON-R7D-BP01H Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R7D-BP02HH OMRON-R7D-BP02HH Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R7D-BP04H OMRON-R7D-BP04H Datasheet
1Mb / 12P
   SmartStep 2 servo drive
logo
M-System Co.,Ltd.
R7D-CT4E MSYSTEM-R7D-CT4E Datasheet
1Mb / 38P
   Remote I/O R7 Series DeviceNet I/O MODULE
R7D-CT4E-AR MSYSTEM-R7D-CT4E-AR Datasheet
1Mb / 46P
   Remote I/O R7 Series CC-Link I/O MODULE
More results

Similar Description - R7D-AP04H

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com