Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E69-C06B Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E69-C06B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E69-C06B Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E69-C06B Datasheet HTML 3Page - Omron Electronics LLC E69-C06B Datasheet HTML 4Page - Omron Electronics LLC E69-C06B Datasheet HTML 5Page - Omron Electronics LLC E69-C06B Datasheet HTML 6Page - Omron Electronics LLC E69-C06B Datasheet HTML 7Page - Omron Electronics LLC E69-C06B Datasheet HTML 8Page - Omron Electronics LLC E69-C06B Datasheet HTML 9Page - Omron Electronics LLC E69-C06B Datasheet HTML 10Page - Omron Electronics LLC E69-C06B Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
H8PS
7
Output Cable Connections (16-/32-output Models Only)
1. E5ZE-CBL200 Connector-type Output Cable (Order Separately) Connections
Output Cable 1 Wiring Table
Output Cable 2 Wiring Table
Note: 1. The COM pins in the output connectors are connected inside the Cam Positioner to the negative terminal of the 24-VDC power supply input.
2. The Vs pins in the output connectors are connected inside the Cam Positioner to the Vs terminal.
3. The Vs pins in the output connectors are not used on models with NPN outputs.
4. The COM pins in output connector 1 and output connector 2 are connected to each other inside the Cam Positioner. The Vs pins in output connector 1
and output connector 2 are also connected to each other inside the Cam Positioner.
Output Connector 1 (CN1) Output Connector 2 (CN2) (See note.)
Output Connector 1 (CN1)
Output Connector 2 (CN2) (See note.)
(Bottom view)
(Bottom view)
Note: The 16-output Models do not have CN2 Connectors.
Output Connector
Output signals
Output Connector 1 (CN1)
Cam 1 to Cam 16, COM, Vs
Output Connector 2 (CN2) (See note.)
Cam 17 to Cam 32, COM, Vs
Flush Mounting Models
Surface Mounting Models
(CN1)
E5ZE-CBL200
Connector-type
Output Cable
(Order Separately)
H8PS-16
@/-32@
(CN2)
XG4M-2030
MIL Connector
(made by OMRON)
1
3
5
7
9
1113151719
2
4
6
8
10 12 14 16 18 20
Pin Arrangement of XG4M-2030 Connectors
Output
Cable 1
Output
Cable 2
Outputs
Connector
pin No.
Outputs
Connector
pin No.
Cam 1
20
Cam 9
19
Cam 2
18
Cam 10
17
Cam 3
16
Cam 11
15
Cam 4
14
Cam 12
13
Cam 5
12
Cam 13
11
Cam 6
10
Cam 14
9
Cam 7
8
Cam 15
7
Cam 8
6
Cam 16
5
COM
4
COM
3
Vs
2
Vs
1
Outputs
Connector
pin No.
Outputs
Connector
pin No.
Cam 17
20
Cam 25
19
Cam 18
18
Cam 26
17
Cam 19
16
Cam 27
15
Cam 20
14
Cam 28
13
Cam 21
12
Cam 29
11
Cam 22
10
Cam 30
9
Cam 23
8
Cam 31
7
Cam 24
6
Cam 32
5
COM
4
COM
3
Vs
2
Vs
1


Similar Part No. - E69-C06B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E69-C06B OMRON-E69-C06B Datasheet
70Kb / 4P
   Absolute Rotary Encoder
E69-C06B OMRON-E69-C06B Datasheet
322Kb / 5P
   Slim Incremental 50-mm-dia. Rotary Encoder
E69-C06B OMRON-E69-C06B Datasheet
505Kb / 5P
   Incremental 40-mm-dia. Rotary Encoder
More results

Similar Description - E69-C06B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
   Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com