Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1W-ClF11 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CP1W-ClF11
Description  Compact machine controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-ClF11 Datasheet(HTML) 6 Page - Omron Electronics LLC

  CP1W-ClF11 Datasheet HTML 1Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 2Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 3Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 4Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 5Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 6Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 7Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 8Page - Omron Electronics LLC CP1W-ClF11 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
9
CPU units
CP1L
CP1H
L-type
M-type
EL-type
EM-type
CP1L
-L10D_-_
CP1L
-L14D_-_
CP1L
-_L20D_-_
CP1L
-_M30D_-_
CP1L
-_M40D_-_
CP1L
-M60D_-_
CP1L
-EL20D_-_
CP1L
-EM30D_-_
CP1L
-EM40D_-_
CP1H
-Y20DT-D
CP1H
-X40D_-_
CP1H
-XA40D_-_
6
8
12
18
24
36
12
18
24
12
24
24
4
6
8
12
16
24
8
12
16
8
16
16
No
Yes
No
Yes
Yes
10
54
60
150
160
180
60
150
160
300
320
320
No
Yes (1 max.)
Yes (3 max.)
Yes (1 max.)
Yes (3 max.)
Yes (7 units or 15 input words /
15 output words max.)
No
No
Yes (2 max.)
2
4
6
6
6
8
4 (100 kHz max.)
4 (100 kHz max.)
2 (100 kHz
max.) and
2 Line-driver
(1 MHz)
4 (100 kHz max.)
2 axes (100 kHz max.)
2 axes (100 kHz max.)
2 (100 kHz
max.) and
2 Line-driver
(1 MHz)
4 axes (100 kHz max.)
No
2 inputs
No
4 inputs,
2 outputs
Yes (1)
No
Yes (1)
Yes (0-10V)
No
Yes (0-10V)
0
1
2
1
2
2
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
Yes
Yes
No
Yes
No
USB
Ethernet
USB
No
No
No
Yes
Yes
Yes
0.55 μs / Basic instruction, 4.1 μs / Special instruction
0.55 μs / Basic instruction, 4.1 μs / Special
instruction
0.10 μs / Basic instruction, 0.15 μs /
Special instruction
5K steps
10K steps
5K (+10K FB)
steps
10K (+10K FB) steps
20K steps
10K words
32K words
10K words
32K words
32K words
Yes
Yes
Yes
Yes
Yes
Yes
Yes (CJ1W-BAT01)
Yes (CJ1W-BAT01)
Yes (CJ1W-BAT01)
No
No
Yes
CP1L
-L10DR-A
CP1L
-L14DR-A
CP1L
-L20DR-A
CP1L
-M30DR-A
CP1L
-M40DR-A
CP1L
-M60DR-A
-
-
-
-
CP1H
-X40DR-A
CP1H
-XA40DR-A
CP1L
-L10DR-D
CP1L
-L14DR-D
CP1L
-L20DR-D
CP1L
-M30DR-D
CP1L
-M40DR-D
CP1L
-M60DR-D
CP1L
-EL20DR-D
CP1L
-EM30DR-D
CP1L
-EM40DR-D
-
-
-
CP1L
-L10DT-A
CP1L
-L14DT-A
CP1L
-L20DT-A
CP1L
-M30DT-A
CP1L
-M40DT-A
CP1L
-M60DT-A
-
-
-
-
-
-
CP1L
-L10DT-D
CP1L
-L14DT-D
CP1L
-L20DT-D
CP1L
-M30DT-D
CP1L
-M40DT-D
CP1L
-M60DT-D
CP1L
-EL20DT-D
CP1L
-EM30DT-D
CP1L
-EM40DT-D
CP1H
-Y20DT-D
CP1H
-X40DT-D
CP1H
-XA40DT-D
-
-
-
-
-
-
-
-
-
-
-
-
CP1L
-L10DT1-D
CP1L
-L14DT1-D
CP1L
-L20DT1-D
CP1L
-M30DT1-D
CP1L
-M40DT1-D
CP1L
-M60DT1-D
CP1L
-EL20DT1-D
CP1L
-EM30DT1-D
CP1L
-EM40DT1-D
-
CP1H
-X40DT1-D
CP1H
-XA40DT1-D
CP1-Brochure+TechPart+Global.fm
9 ページ
2012年3月27日 火曜日 午後7時58分


Similar Part No. - CP1W-ClF11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-CIF01 OMRON-CP1W-CIF01 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CP1W-CIF01 OMRON-CP1W-CIF01 Datasheet
2Mb / 29P
   Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
CP1W-CIF01 OMRON-CP1W-CIF01 Datasheet
2Mb / 44P
   The CP1E Package PLCs: Economical, Easy to use, and Efficient
CP1W-CIF01 OMRON-CP1W-CIF01 Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-CIF01 OMRON-CP1W-CIF01 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-ClF11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
Omron Electronics LLC
E5CK OMRON-E5CK Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
logo
Toshiba Semiconductor
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
logo
National Instruments Co...
CFP-2220 NI-CFP-2220 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com