Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1H-CPU66H Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CJ1H-CPU66H
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H Datasheet(HTML) 1 Page - Omron Electronics LLC

  CJ1H-CPU66H Datasheet HTML 1Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
B-108
CJ1 SYSTEM POWER AND EXP ANSION
Power and Expansion Selection
This section provides tools to calculate the CJ1 system current consumption total needed to select
the power supply. When the number of modules or power requirements exceeds the capability of the
power supplies available, I/O expansion racks solve the problem. If the number of modules per rack
exceeds 10 or the current consumption is greater than the capacity of the power supply units, use the
CPU and expansion rack configuration.
A CJ1 system consists of a power supply, a CPU, and up to 10 basic I/O, special I/O and
CPU bus units, and an end cover. See page B-109.
What is the basic configuration?
The expansion I/O rack contains a power supply, an I/O interface module and the remaining
I/O modules. Each expansion rack requires a power supply, the I/O interface module and up
to 10 more modules.
Note: Order one CJ1W-IC101 I/O control module for the CPU rack and one CJ1W-II101 I/O
interface module for each I/O expansion rack. Connect the modules with a cable of
the appropriate length. Second and third I/O expansion racks connect between I/O
interface modules. See page B-117 for details.
What goes on expansion I/O racks?
All the current consumption ratings for the CPU, basic I/O, special I/O and CPU bus units
are collected in the tables on pages B-110 to B-111.
Where are ratings to calculate overall current consumption?
Compare the current consumption total of basic I/O, special I/O, and CPU bus units to
determine which power supply to use.
Note: If more than 10 modules are required or the current consumption exceeds the output
capacity of the power supplies, go to page B-109 for configuration of I/O expansion racks.
The same power supply units can be used for both CPU and I/O expansion racks.
Depending on the CPU chosen, the system can be expanded with up to three additional racks of
basic I/O, special I/O and CPU bus units.
Which power supply is right?
How many expansion I/O racks can be used?
Output rating
Output capacity
Power supply model
See page
5 A, 5 VDC
25 W max.
CJ1W-PD025
B-110
5 A, 5 VDC with 2 A RUN output
25 W max.
CJ1W-PA205R
B-110
2.8 A, 5 VDC
14 W max.
CJ1W-PA202
B-110
Maximum I/O modules
per CPU
Maximum I/O expansion
racks per CPU
CPU models
40
3
CJ1G-CPU44H
CJ1G-CPU45H
CJ1H-CPU65H
CJ1H-CPU66H
20
1
CJ1M-CPU13
CJ1M-CPU23
30
2
CJ1G-CPU42H
CJ1G-CPU43H
10
0
CJ1M-CPU12
CJ1M-CPU22
10
0
CJ1M-CPU11
CJ1M-CPU21
Input Voltage
100 to 240 VAC
24 VDC


Similar Part No. - CJ1H-CPU66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
344Kb / 15P
   CPU Selection
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1H-CPU66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com