Electronic Components Datasheet Search |
|
5V41065PGG Datasheet(PDF) 10 Page - Integrated Device Technology |
|
5V41065PGG Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 12 page IDT5V41065 2 OUTPUT PCIE GEN1/2 SYNTHESIZER IDT® 2 OUTPUT PCIE GEN1/2 SYNTHESIZER 10 IDT5V41065 REV E 112111 Package Outline and Package Dimensions (16-pin TSSOP, 173 Mil. Narrow Body) Package dimensions are kept current with JEDEC Publication No. 95 Ordering Information “G” after the two-letter package code are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 5V41065PGG See Page 8 Tubes 16-pin TSSOP 0 to +70 ° C 5V41065PGG8 Tape and Reel 16-pin TSSOP 0 to +70 ° C 5V41065PGGI See Page 8 Tubes 16-pin TSSOP -40 to +85 ° C 5V41065PGGI8 Tape and Reel 16-pin TSSOP -40 to +85 ° C INDEX AREA 1 2 16 D E1 E SEATING PLANE A1 A A2 e - C - b aaa C c L Millimeters Inches* Symbol Min Max Min Max A -- 1.20 -- 0.047 A1 0.05 0.15 0.002 0.006 A2 0.80 1.05 0.032 0.041 b 0.19 0.30 0.007 0.012 C 0.09 0.20 0.0035 0.008 D 4.90 5.1 0.193 0.201 E 6.40 BASIC 0.252 BASIC E1 4.30 4.50 0.169 0.177 e 0.65 Basic 0.0256 Basic L 0.45 0.75 0.018 0.030 a0 ° 8 ° 0 ° 8 ° aaa -- 0.10 -- 0.004 |
Similar Part No. - 5V41065PGG |
|
Similar Description - 5V41065PGG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |