Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4186-T1 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4186-T1
Description  High Voltage Io=500mA Adjustable Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4186-T1 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4186-T1 Datasheet HTML 5Page - New Japan Radio NJW4186-T1 Datasheet HTML 6Page - New Japan Radio NJW4186-T1 Datasheet HTML 7Page - New Japan Radio NJW4186-T1 Datasheet HTML 8Page - New Japan Radio NJW4186-T1 Datasheet HTML 9Page - New Japan Radio NJW4186-T1 Datasheet HTML 10Page - New Japan Radio NJW4186-T1 Datasheet HTML 11Page - New Japan Radio NJW4186-T1 Datasheet HTML 12Page - New Japan Radio NJW4186-T1 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NJW4186-T1
- 9 -
Ver.2013-06-25
*The notes of the evaluation when output pin is shorted to GND
When evaluated short circuit test, the IC may break down because of regenerated energy by the parasitic inductance
included in
wiring pattern.
It phenomenon appears conspicuously when output voltage is high(Vo=8.0V or more)or connected to inductive load.
In case of short circuit in actual application, not likely to destruction of IC because of some of Resistance exist
between load.
If happened above phenomenon by the short circuit test with the actual application, recommend connecting schottky
barrier diode
(SBD) between Vo pin and the GND or using output condensers that have ESR more than 2ohrm like a
tantalum or aluminum electrolytic capacitor.(see below figure)
(a)In case of insert Schottky barrier diode between VOUT pin- GND
NJW4186
VIN
VOUT
GND
VOUT
VIN
SBD
VADJ
(b) In case of using the electrolysis condenser or insert series resistance
NJW4186
VIN
VOUT
GND
VOUT
VIN
VADJ
Connecting resistance(2ohrm or more)in series.
(in case of ESR of COUT is low)


Similar Part No. - NJW4186-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4186 NJRC-NJW4186 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
NJW4186DL3 NJRC-NJW4186DL3 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
More results

Similar Description - NJW4186-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185 NJRC-NJW4185_13 Datasheet
207Kb / 11P
   High Voltage Io=500mA Low Dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com