Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95839 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95839
Description  Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95839 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95839 Datasheet HTML 1Page - Intersil Corporation ISL95839 Datasheet HTML 2Page - Intersil Corporation ISL95839 Datasheet HTML 3Page - Intersil Corporation ISL95839 Datasheet HTML 4Page - Intersil Corporation ISL95839 Datasheet HTML 5Page - Intersil Corporation ISL95839 Datasheet HTML 6Page - Intersil Corporation ISL95839 Datasheet HTML 7Page - Intersil Corporation ISL95839 Datasheet HTML 8Page - Intersil Corporation ISL95839 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Dual 3+1 PWM Controller with Current Monitor for
IMVP-7/VR12™ CPUs
ISL95839
The ISL95839 Pulse Width Modulation (PWM) controller IC
provides a complete solution for IMVP-7/VR12™ compliant
microprocessor and graphic processor core power supplies. It
provides the control and protection for two Voltage Regulators
(VRs). The first VR, typical for Vcore, incorporates 2 integrated
drivers and can operate in 3-, 2- or 1-phase configurations. The
second VR, typical for Graphics, incorporates 1 integrated
driver. The two VRs share a serial control bus to communicate
with the CPU and achieve lower cost and smaller board area
compared with the two-chip approach.
Both VRs utilize Intersil’s Robust Ripple Regulator R3
Technology™. The R3 modulator has numerous advantages
compared to traditional modulators, including faster transient
response, variable switching frequency during load transients,
and improved light load efficiency due to its ability to
automatically change switching frequency.
The ISL95839 has several other key features. Both outputs
support either DCR current sensing with a single NTC
thermistor for DCR temperature compensation, or more
precise resistor current sensing if desired. Both outputs come
with remote voltage sense, programmable VBOOT voltage,
IMAX, and switching frequency, adjustable overcurrent
protection and separate Power-Good signals.
Features
• Serial data bus
•Dual outputs:
- Configurable 3-, 2- or 1-phase for the 1st output using two
integrated gate drivers
- 2nd output using an integrated gate driver
•R3™ Modulator
- Excellent transient response
- High light load efficiency
• 0.5% system accuracy over-temperature
• Supports multiple current sensing methods
- Lossless inductor DCR current sensing
- Precision resistor current sensing
• Differential remote voltage sensing
•Programmable VBOOT voltage at start-up
• Resistor programmable IMAX, switching frequency for both
outputs
• Output current monitor (IMON and IMONG)
• Adaptive body diode conduction time reduction
Applications
• IMVP-7/VR12 compliant computers
FIGURE 1. SIMPLIFIED APPLICATION CIRCUIT
FIGURE 2. LOAD LINE REGULATION
ISL6208B
DRIVER
ISL95839
VR2
Vin
VR1
Vin
Vin
Vin
0.80
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
30
36
42
48
54
60
66
IOUT (A)
0
6
12
18
24
VIN = 19V
VIN = 12V
VIN = 8V
May 9, 2013
FN8315.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) and R3 Technology™ are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL95839

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95839 RENESAS-ISL95839 Datasheet
2Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95839HRTZ RENESAS-ISL95839HRTZ Datasheet
2Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
More results

Similar Description - ISL95839

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95839 RENESAS-ISL95839 Datasheet
2Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
logo
Intersil Corporation
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL95831C RENESAS-ISL95831C Datasheet
190Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12??CPUs
logo
Intersil Corporation
ISL95831IRTZ INTERSIL-ISL95831IRTZ Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95831 RENESAS-ISL95831 Datasheet
181Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12™ CPUs
December 22, 2011
logo
Intersil Corporation
ISL95835HRZ INTERSIL-ISL95835HRZ Datasheet
96Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com