Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP2P40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP2P40
Description  400V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP2P40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP2P40 Datasheet HTML 1Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 2Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 3Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 4Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 5Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 6Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 7Page - Fairchild Semiconductor FQP2P40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
December 2000
Rev. A2, December 2000
QFET
QFET
QFET
QFETTM
FQP2P40
400V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize
on-state
resistance,
provide
superior
switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for electronic lamp ballasts based on the
complementary half bridge topology.
Features
• -2.0A, -400V, RDS(on) = 6.5Ω @VGS = -10 V
• Low gate charge ( typical 10 nC)
• Low Crss ( typical 6.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQP2P40
Units
VDSS
Drain-Source Voltage
-400
V
ID
Drain Current
- Continuous (TC = 25°C)
-2.0
A
- Continuous (TC = 100°C)
-1.27
A
IDM
Drain Current
- Pulsed
(Note 1)
-8.0
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
-2.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
6.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-4.5
V/ns
PD
Power Dissipation (TC = 25°C)
63
W
- Derate above 25°C
0.51
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.98
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
TO-220
FQP Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Similar Part No. - FQP2P40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
More results

Similar Description - FQP2P40

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQPF4P40 FAIRCHILD-FQPF4P40 Datasheet
635Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD4P40 KERSEMI-KSMD4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQP4P40 FAIRCHILD-FQP4P40 Datasheet
637Kb / 8P
   400V P-Channel MOSFET
FQD4P40TF FAIRCHILD-FQD4P40TF Datasheet
764Kb / 9P
   400V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com