Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV2421
Description  The DS92LV2421 (Serializer)/DS92LV2422(Deseriqalizer) chipset translates a parallel 24-bit LVCMOS data interface into a single high-speed CML serial interface with embeddbd clock information.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV2421 Datasheet(HTML) 5 Page - Texas Instruments

  DS92LV2421 Datasheet HTML 1Page - Texas Instruments DS92LV2421 Datasheet HTML 2Page - Texas Instruments DS92LV2421 Datasheet HTML 3Page - Texas Instruments DS92LV2421 Datasheet HTML 4Page - Texas Instruments DS92LV2421 Datasheet HTML 5Page - Texas Instruments DS92LV2421 Datasheet HTML 6Page - Texas Instruments DS92LV2421 Datasheet HTML 7Page - Texas Instruments DS92LV2421 Datasheet HTML 8Page - Texas Instruments DS92LV2421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
50
51
52
53
54
55
56
57
58
59
60
27
26
25
24
23
22
21
20
19
18
17
16
DS92LV2422
TOP VIEW
DAP = GND
NC
PDB
VDDPR
ID[x]
ROUT-
ROUT+
RIN-
RIN+
NC
DO18/OSS_SEL
DO16
DO15/EQ3
DO12/EQ0
VDDIO
DO10/OSC_SEL2
DO9/OSC_SEL1
CMF
VDDCMLO
VDDR
VDDSC
DO17/RFB
DO14/EQ2
DO13/EQ1
DO11
30
29
28
VDDL
NC
DO8/OSC_SEL0
46
47
48
RES
NC
VDDIR
BOLD PIN NAME ± indicates I/O strap
pin associated with output pin
49
DS92LV2421, DS92LV2422
www.ti.com
SNLS321B – MAY 2010 – REVISED APRIL 2013
DS92LV2421 Serializer Pin Descriptions (continued)
Pin Name
Pin #
I/O, Type
Description(1)
BISTEN
31
I, LVCMOS
BIST Mode — Optional
w/ pull-
BISTEN = 0, BIST is disabled (normal operation)
down
BISTEN = 1, BIST is enabled
RES[2:0]
18, 16, 15
I, LVCMOS
Reserved - tie LOW
w/ pull-
down
Channel-Link II — CML Serial Interface
DOUT+
20
O, CML
Non–Inverting Output.
The output must be AC Coupled with a 0.1 µF capacitor.
DOUT-
19
O, CML
Inverting Output.
The output must be AC Coupled with a 0.1 µF capacitor.
Power and Ground(2)
VDDL
7
Power
Logic Power, 1.8 V ±5%
VDDP
14
Power
PLL Power, 1.8 V ±5%
VDDHS
17
Power
TX High Speed Logic Power, 1.8 V ±5%
VDDTX
22
Power
Output Driver Power, 1.8 V ±5%
VDDIO
30
Power
LVCMOS I/O Power, 1.8 V ±5% OR 3.3 V ±10%
GND
DAP
Ground
DAP is the large metal contact at the bottom side, located at the center of the WQFN
package. Connect to the ground plane (GND) with at least 9 vias.
(2)
The VDD (VDDn and VDDIO) supply ramp should be faster than 1.5 ms with a monotonic rise. If slower then 1.5 ms then a capacitor on
the PDB pin is needed to ensure PDB arrives after all the VDD have settled to the recommended operating voltage.
DS92LV2422 Pin Diagram
Figure 2. Top View 60-pin WQFN
See Package Number NKB0060B
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS92LV2421 DS92LV2422


Similar Part No. - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421SQ/NOPB TI1-DS92LV2421SQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421SQE/NOPB TI1-DS92LV2421SQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
More results

Similar Description - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Motorola, Inc
MC14442 MOTOROLA-MC14442 Datasheet
322Kb / 10P
   8-BIT A/D CONVERTER WITH PARALLEL INTERFACE
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com