Electronic Components Datasheet Search |
|
DS15BA101 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
DS15BA101 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 12 page DS15BA101 DS15EA101 CML LVPECL LVDS 150 Mbps to 1.5 Gbps 100-ohm Differential Cable (i.e. CAT5e/6/7, Twinax) 50-ohm Coaxial Cable (i.e. Belden 9914) Max Cable Loss ~ 35 dB @ 750 MHz DS15BA101 www.ti.com SNLS234J – OCTOBER 2006 – REVISED APRIL 2013 DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage Check for Samples: DS15BA101 1 FEATURES DESCRIPTION The DS15BA101 is a high-speed differential buffer for 2 • Data Rates from DC to 1.5+ Gbps cable driving, level translation, signal buffering, and • Differential or Single-ended Input signal repeating applications. Its fully differential • Adjustable Output Amplitude signal path ensures exceptional signal integrity and noise immunity and it drives both differential and • Single 3.3V Supply single-ended transmission lines at data rates in • Industrial -40°C to +85°C Temperature excess of 1.5 Gbps. • Low Power: 150 mW (typ) at 1.5 Gbps Output voltage amplitude is adjustable via a single • Space-saving 3 x 3 mm WSON-8 Package external resistor for level translation and cable driving applications into 50-ohm single-ended and 100-ohm APPLICATIONS differential mode impedances. • Cable Extension Applications The DS15BA101 is powered from a single 3.3V • Level Translation supply and consumes 150 mW (typ) at 1.5 Gbps. It operates over the full −40°C to +85°C industrial • Signal Buffering and Repeating temperature range and is available in a space saving • Security Cameras 3x3 mm WSON-8 package. Typical Application 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - DS15BA101 |
|
Similar Description - DS15BA101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |