Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SAC720N7 Datasheet(PDF) 3 Page - Texas Instruments

Part # COP8SAC720N7
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

COP8SAC720N7 Datasheet(HTML) 3 Page - Texas Instruments

  COP8SAC720N7 Datasheet HTML 1Page - Texas Instruments COP8SAC720N7 Datasheet HTML 2Page - Texas Instruments COP8SAC720N7 Datasheet HTML 3Page - Texas Instruments COP8SAC720N7 Datasheet HTML 4Page - Texas Instruments COP8SAC720N7 Datasheet HTML 5Page - Texas Instruments COP8SAC720N7 Datasheet HTML 6Page - Texas Instruments COP8SAC720N7 Datasheet HTML 7Page - Texas Instruments COP8SAC720N7 Datasheet HTML 8Page - Texas Instruments COP8SAC720N7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
CPU Features
n
Versatile easy to use instruction set
n
1 µs instruction cycle time
n
Eight multi-source vectored interrupts servicing
— External interrupt
— Idle Timer T0
— One Timer (with 2 interrupts)
— MICROWIRE/PLUS Serial Interface
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
Memory mapped I/O
n
BCD arithmetic instructions
Peripheral Features
n
Multi-Input Wakeup Logic
n
One 16-bit timer with two 16-bit registers supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
Idle Timer
n
MICROWIRE/PLUS Serial Interface (SPI Compatible)
I/O Features
n
Software selectable I/O options
— TRI-STATE® Output
— Push-Pull Output
— Weak Pull Up Input
— High Impedance Input
n
Schmitt trigger inputs on ports G and L
n
Up to 12 high current outputs
n
Pin efficient (i.e., 40 pins in 44-pin package are devoted
to useful I/O)
Fully Static CMOS Design
n
Low current drain (typically < 4 µA)
n
Single supply operation: 2.7V to 5.5V
n
Two power saving modes: HALT and IDLE
Temperature Ranges
0˚C to +70˚C, −40˚C to +85˚C, and −40˚C to +125˚C
Development Support
n
Windowed packages for DIP and PLCC
n
Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
DS012838-1
FIGURE 1. COP8SAx Block Diagram
www.national.com
2


Similar Part No. - COP8SAC720N7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SAC720N7 NSC-COP8SAC720N7 Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SAC720N7 NSC-COP8SAC720N7 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
More results

Similar Description - COP8SAC720N7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com