Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2GF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS2GF
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS2GF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS2GF Datasheet HTML 1Page - Pan Jit International Inc. GS2GF Datasheet HTML 2Page - Pan Jit International Inc. GS2GF Datasheet HTML 3Page - Pan Jit International Inc. GS2GF Datasheet HTML 4Page - Pan Jit International Inc. GS2GF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 3,2013-REV.00
GS2GF~GS2MF
FEATURES
• For surface mounted applications in order to optimize board space
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
• Ultra Thin Profile Package for Space Constrained Utilization
• Package suitable for Automated Handling
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0011 ounce, 0.0328 gram
SURFACE MOUNT RECTIFIER
VOLTAGE
400~1000 Volts
2 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1
2
Cathode
Anode
NOTES : 1. Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
PA RA M E TE R
S YM BO L
G S2 G F
G S 2 J F
GS2 KF
G S 2 M F
UNITS
M a xi m um Re c ur r e nt P eak Re ve r s e Vo lt age
V
RR M
40 0
600
800
1000
V
M a xi mum RM S Vo lt a g e
V
RM S
280
420
560
700
V
M a xi m um D C B loc ki ng Vo ltage
V
DC
40 0
600
800
1000
V
M a xi m um A ver age For war d C ur r e nt
I
F( AV )
2A
P eak F o r w ar d S ur ge C ur r e nt : 8. 3m s s i ng le ha lf s i ne - wave
s uper i m pos ed on r a t ed lo a d ( J E D E C m e t hod)
I
FS M
70
A
M a xi m um F o r war d Vo ltage at 2A
V
F
1.1
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C B loc k i ng
Vo lt age
I
R
1
A
Typi c a l Junc t i on C apac i t anc e ( V
R =4 V , f = 1 M H z)
C
J
18
pF
Typi c a l Ther m a l Re s t i s ta nc e
( Notes 1 )
( Notes 2 )
R
 JL
R
 JA
25
150
OC/ W
Oper ati ng and S tor age Te m per at ur e Ra ng e
T
J ,T STG
- 55 to + 155
O C


Similar Part No. - GS2GF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GS2GF CHENDA-GS2GF Datasheet
628Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
GS2GFL MCC-GS2GFL Datasheet
991Kb / 3P
   2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS2GF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com