Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR20-1-KP Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DMR20-1-KP
Description  2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMR20-1-KP Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DMR20-1-KP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMR20-1-KP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMR20-1-KP Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMR20-1-KP Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Murata Power Solutions’ new DMR20-10-DCM self-powered, auto-ranging DC voltage
monitors are designed to measure and display the outputs the most popular DC power
systems. Simply connect any 6 to 75V DC power source and these meters are fully opera-
tional—no additional components or power sources are required.
Their large, 0.30"/7.6mm, bright LED displays can be easily read from 10 feet away (3
meters). These auto-ranging meters accurately display DC voltages with 0.01V in the LO
Range (below 51V), or 0.1V resolution in the HI Range (above 51 V). A built-in resettable
fuse assures long term reliability. All DMR20-10-DCM’s employ a 13-bit A/D converter
and precision metal-film resistors to achieve outstanding performance over an operating
temperature range of –25 to +60°C.
The DMR20-10-DCM is housed in a rugged, round polycarbonate case that provides excel-
lent protection against moisture, dust, shock and vibration. Panel installation is straightfor-
ward: using readily available tooling, simply drill and punch a 1.2 inch (30.5mm) diameter
hole and anti-rotation notch, insert the meter and gasket into the panel, and securely fasten
the meter using the supplied hex nut. The supplied hardware is designed to provide protec-
tion to IP67/NEMA 6.
➀ Operation and accuracy at inputs above or below these ranges are not specified.
➁ When auto-range operation is enabled via jumper JP1 and Vin is between 6V to 51V, the
displayed resolution is 0.01V (i.e., the unit is in LO Range). When Vin is 51V and above, display
resolution is 0.1V (i.e., the unit is in HI Range). When the unit is in the HI range and Vin drops
below 49V, it will auto-range back to the LO Range.
➂ When Vin is between 75V and 80V, the display will alternate from dim to normal intensity at
approximately one second intervals. When Vin exceeds 80V, display will flash on and completely
off at approximately one second intervals. Continuous operation above 80V will permanently
damage the meter and void its warranty.
Performance/Functional Specifications
Typical at Ta = +25°C, unless otherwise noted
DC Input (TB1)
Input voltage range
+6 to +75Vdc
Current Consumption
@Vin = 75.0Vdc: 7mA (max.)
Reverse Polarity Protection -100Vdc (min.)
Performance
Sampling Rate
2.5 readings/second
Resolution
0.01Vdc in LO Range;
0.1Vdc in HI Range
Accuracy @ +25°C
HI Range
±0.2V (typ.), ±0.4V (max.)
LO Range
±0.03V (typ.), ±0.06V (max.)
Overrange Indication
See note 3
Temperature Drift
±0.003V/°C (typ.)
Mechanical
Dimensions
1.50"diameter x 1.08 depth"
(38.1 x 27.4mm)
Display Type
Four digit, LED, 0.30" high (7.6mm)
Weight
0.6 ounces (18 grams)
with nut and gasket
Case Material
Polycarbonate
Terminal Block Torque
3.6 in-lbs (0.4 N-m)
Wire Size And Type
18-22AWG (0.83-0.33mm2) copper,
solid or stranded
Wire Insulation Strip Length 0.25" (6.4mm)
Environmental
Operating Temperature
–25 to +60°C
Storage Temperature
–40 to +75°C
Humidity (non-condensing) 0 to 85%
Ordering Information
DMR20-10-DCM-R-C
6 to 75Vdc voltage monitor (Red LED)
Tooling
DMR20-1-KP
1.2" (30.5mm) Round knockout punch
(no keying notch)
DMR20-2-KP
1.2" (30.5mm) Round knockout punch
(with four keying notches)
DMR20-3-KP
1/8" and 3/16" (3.2 and 4.7mm)
key-notch nibbler tool
Note: An M30 x 1.5 nylon hex nut and EPDM sealing gasket are supplied with each meter.
The “-C” suffix denotes RoHS compliance.
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
DMR20-10-DCM
2-Wire, Self-Powered,
Auto-Ranging DC Voltage Monitor
MPM_DMR20-10-DCM.A01 Page 1 of 4
NANO
FEATURES
Self-powered, requires only two connections
Auto-ranging 6 to 75Vdc input range
Installs in round “oiltight” 1.20 inch (30.5mm) cutouts
Reverse polarity protected to –100Vdc
Four-digit LED display with overvoltage indication
Digital replacement for analog panel meters
Screw-style terminal block simplifies installation
Self-resetting internal fuse for long-term reliability
Provides moisture resistance to IP67/NEMA 6
Supplied with EPDM rubber gasket and plastic hex nut
Panel knockout punches and tooling available


Similar Part No. - DMR20-1-KP

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR20-1-KP MURATA-PS-DMR20-1-KP Datasheet
1Mb / 4P
   Self-Powered, 85 to 264Vac, LED Display Line Monitor
2023
DMR20-1-KP MURATA-PS-DMR20-1-KP Datasheet
782Kb / 4P
   2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
2023
DMR20-1-KP MURATA-PS-DMR20-1-KP Datasheet
545Kb / 5P
   0-5V Input, 3½ Digit LED Display Round Process Monitors
2015
More results

Similar Description - DMR20-1-KP

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
   2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
   Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
   36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20LCD-0 MURATA-PS-DMS-20LCD-0 Datasheet
253Kb / 2P
   Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-20LCD-2 MURATA-PS-DMS-20LCD-2 Datasheet
150Kb / 2P
   Self-Powered, 50V and 150V LCD Display 2-Wire DC Voltage Monitors
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
   Auto ranging input
logo
Murata Power Solutions ...
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
logo
Murata Manufacturing Co...
DMS-LM2 MURATA-DMS-LM2 Datasheet
172Kb / 2P
   Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
logo
RSG Electronic Componen...
HSU160-10 RSG-HSU160-10 Datasheet
198Kb / 2P
   AUTO-RANGING AC INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com