Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC088S085 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC088S085
Description  Ensured Monotonicity, Low Power Operation, Rail-to-Rail Voltage Output, Daisy Chain Capability
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC088S085 Datasheet(HTML) 2 Page - Texas Instruments

  DAC088S085 Datasheet HTML 1Page - Texas Instruments DAC088S085 Datasheet HTML 2Page - Texas Instruments DAC088S085 Datasheet HTML 3Page - Texas Instruments DAC088S085 Datasheet HTML 4Page - Texas Instruments DAC088S085 Datasheet HTML 5Page - Texas Instruments DAC088S085 Datasheet HTML 6Page - Texas Instruments DAC088S085 Datasheet HTML 7Page - Texas Instruments DAC088S085 Datasheet HTML 8Page - Texas Instruments DAC088S085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
8
POWER-DOWN
CONTROL
LOGIC
VOUTE
8 BIT DAC
REF
8
SCLK
DIN
SYNC
BUFFER
BUFFER
BUFFER
BUFFER
8
8
8
VOUTF
VOUTG
VOUTH
2.5k
100k
2.5k
100k
2.5k
100k
2.5k
100k
8 BIT DAC
REF
8 BIT DAC
REF
8 BIT DAC
REF
VREF1
DAC088S085
VOUTA
8 BIT DAC
REF
8
BUFFER
BUFFER
BUFFER
BUFFER
8
8
8
VOUTB
VOUTC
VOUTD
2.5k
100k
2.5k
100k
2.5k
100k
2.5k
100k
8 BIT DAC
REF
8 BIT DAC
REF
8 BIT DAC
REF
VREF2
DOUT
DAC088S085
SNAS424C – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED...)
The DAC088S085 is one of a family of pin compatible DACs, including the 10-bit DAC108S085 and the 12-bit
DAC128S085. All three parts are offered with the same pinout, allowing system designers to select a resolution
appropriate for their application without redesigning their printed circuit board. The DAC088S085 operates over
the extended industrial temperature range of
−40°C to +125°C.
Block Diagram
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DAC088S085


Similar Part No. - DAC088S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085 TI1-DAC088S085 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC088S085CIMT NSC-DAC088S085CIMT Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085CIMT/NOPB TI1-DAC088S085CIMT/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC088S085CIMTX NSC-DAC088S085CIMTX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

Similar Description - DAC088S085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIM-NOPB TI-LMC6482AIM-NOPB Datasheet
2Mb / 35P
[Old version datasheet]   Rail-to-Rail Input Common-Mode Voltage Range (Ensured Over Temperature)
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com