Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA188AIDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDGKT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA188AIDGKT Datasheet HTML 6Page - Texas Instruments OPA188AIDGKT Datasheet HTML 7Page - Texas Instruments OPA188AIDGKT Datasheet HTML 8Page - Texas Instruments OPA188AIDGKT Datasheet HTML 9Page - Texas Instruments OPA188AIDGKT Datasheet HTML 10Page - Texas Instruments OPA188AIDGKT Datasheet HTML 11Page - Texas Instruments OPA188AIDGKT Datasheet HTML 12Page - Texas Instruments OPA188AIDGKT Datasheet HTML 13Page - Texas Instruments OPA188AIDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
(
) + 2
V+
0
2
4
6
8
24
Output Current (mA)
10
12
18
(V+)
1
-
(V )
2
-
+
(V )
3
-
+
(V )
4
-
+
(V )
4
- +
(V ) + 3
-
(V ) + 2
-
(V ) + 1
-
(V )
- - 2
16
14
-
°
40 C
+25 C
°
+125 C
°
22
20
(V+) + 1
(V+)
(V )
1
-
-
(V )
-
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
1M
Frequency (Hz)
100k
+PSRR
-PSRR
CMRR
500
400
300
200
100
0
100
200
300
-
-
-
-20
-10
-5
0
5
20
V
(V)
CM
10
-15
I
B+
I
B-
I
OS
15
4000
3000
2000
1000
0
1000
2000
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
I
B+
I
B-
I
OS
25
20
15
10
5
0
5
10
15
20
-
-
-
-
10k
10M
Frequency (Hz)
1M
100k
G = 10
G = +1
G = 1
-
0
45
90
135
180
±20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
C007
GBW = 2MHz
Dominant Pole @7mHz
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 8. OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Figure 9. CLOSED-LOOP GAIN vs FREQUENCY
Figure 10. IB AND IOS vs COMMON-MODE VOLTAGE
Figure 11. INPUT BIAS CURRENT vs TEMPERATURE
Figure 12. OUTPUT VOLTAGE SWING vs
Figure 13. CMRR AND PSRR vs FREQUENCY
OUTPUT CURRENT (Maximum Supply)
(Referred-to-Input)
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188


Similar Part No. - OPA188AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDGKT TI1-OPA188AIDGKT Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA188AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com