Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP2N40 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQP2N40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP2N40 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQP2N40 Datasheet HTML 1Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 2Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 3Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 4Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 5Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 6Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 7Page - Fairchild Semiconductor FQP2N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-./.Ω, 0 
+,-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


 





B*
 B=* 
*,)*4,6-)µ'
())


*
∆B*
5∆
B=* 
 
4,6-)µ'+ 6-7

) (

*57
4
C:* 
*,())**,)*


%
µ'
*,26)*,%6-7


%)
µ'
4
:B/=
*,2)**,)*


%))
'
4
:B/=+!
*,2)**,)*


%))
'
 
*
: * 
*,*4,6-)µ'
2 )

- )
*
+
  
+ 
*,%)*4,) D'

( -
- &

   
*,-)*4,) D'

% %


 

4  
*,6-**,)*
,% )E#


%%-
%-)


  

6)
2)


+!  

2
(

   

 
*,6))*4,% &'
+,6-Ω


9
6-


+

2)
9)


 

9
6-


 

6-
A)

F
 :
*,26)*4,% &'
*,%)*


( )
- -

F
: 

% %


F
:

6 %


     
4
@ 


% &
'
4
@8  


9 6
'
*
 * 
*,)*4,% &'


% -
*

+!+ !
*,)*4,% &'
45,%))'5µ

%A)


F
+!+ !

) (

µ


Similar Part No. - FQP2N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP2N40 ISC-FQP2N40 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP2N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com