Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF154 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF154 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF154 Datasheet HTML 1Page - Motorola, Inc MRF154 Datasheet HTML 2Page - Motorola, Inc MRF154 Datasheet HTML 3Page - Motorola, Inc MRF154 Datasheet HTML 4Page - Motorola, Inc MRF154 Datasheet HTML 5Page - Motorola, Inc MRF154 Datasheet HTML 6Page - Motorola, Inc MRF154 Datasheet HTML 7Page - Motorola, Inc MRF154 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF154
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
125
Vdc
Zero Gate Voltage Drain Current (VDS = 50 V, VGS = 0)
IDSS
20
mAdc
Gate–Body Leakage Current (VGS = 20 V, VDS = 0)
IGSS
5.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
5.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 40 A)
VDS(on)
1.0
3.0
5.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 20 A)
gfs
16
20
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Ciss
1600
pF
Output Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Coss
950
pF
Reverse Transfer Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Crss
175
pF
FUNCTIONAL TESTS
Common Source Amplifier Power Gain
(VDD = 50 V, Pout = 600 W, IDQ = 800 mA, f = 30 MHz)
Gps
17
dB
Drain Efficiency
(VDD = 50 V, Pout = 600 W, IDQ = 800 mA, f = 30 MHz)
η
45
%
Intermodulation Distortion
(VDD = 50 V, Pout = 600 W (PEP),
f1 = 30 MHz, f2 = 30.001 MHz, IDQ = 800 mA)
IMD(d3)
–25
dB
Figure 1. 30 MHz Test Circuit
C1, C3, C8 — Arco 469
C2 — 330 pF
C4 — 680 pF
C5, C19, C20 — 0.47
µF, RMC Type 2225C
C6, C7, C14, C15, C16 — 0.1
µF
C9, C10, C11 — 470 pF
C12 — 1000 pF
C13 — Two Unencapsulated 1000 pF Mica, in Series
C17, C18 — 0.039
µF
C21 — 10
µF/100 V Electrolytic
L1 — 2 Turns #16 AWG, 1/2
″ ID, 3/8″ Long
L2, L3 — Ferrite Beads, Fair–Rite Products Corp. #2673000801
All capacitors ATC type 100/200 chips or equivalent unless otherwise noted.
R1, R2 — 10 Ohms/2.0 W Carbon
T1 — RF Transformer, 1:25 Impedance Ratio. See Motorola
T1 — Application Note AN749, Figure 4 for details.
T1 — Ferrite Material: 2 Each, Fair–Rite Products
T1 — Corp. #2667540001
R1
C5
C6
R2
DUT
C4
C1
C2
C3
L1
C7
RF
INPUT
RF
OUTPUT
+
0–6 V
+
50 V
C14
C15
C16
C17
C18
C19
L2
L3
C20
C21
C9
C10
C11
C12
C13
C8
T1


Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF154 MACOM-MRF154 Datasheet
175Kb / 7P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results

Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com