Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33493DTBR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC33493DTBR2
Description  PLL Tuned UHF Transmitter for Data Transfer Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33493DTBR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33493DTBR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33493DTBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PLL Tuned UHF Transmitter for Data Transfer Applications, Rev. 1.7
State Machine
Freescale Semiconductor
6
6
State Machine
Figure 3 details the state machine.
Figure 3. State machine
State 1: The circuit is in standby mode and draws only a leakage current from the power supply.
State 2: In this state, the PLL is out of the lock-in range; therefore, the RF output stage is switched off, preventing RF
transmission. Data clock is available on the DATACLK pin. Each time the device is enabled, the state machine passes through
this state.
State 3: In this state, the PLL is within the lock-in range. If t < tPLL_lock_in, the PLL may be in acquisition mode. If t≥tPLL_lock_in,
then the PLL is locked. Data entered on the DATA pin are output on the RFOUT pin according to the modulation selected by
the level applied on the MODE pin.
State 4: When the supply voltage falls below the shutdown voltage threshold (VSDWN,) the entire circuit switches off. After this
shutdown, applying a low level on the ENABLE pin unlatches the circuit.
Figure 4 shows the waveforms of the main signals for a typical application cycle.
State 2
PLL out of lock-in range
No RF output
State 1
Standby mode
ENABLE=1
PLL in
lock-in range
Vbattery < Vshutdown
ENABLE=0
Power ON
AND ENABLE=0
State 3
Transmission mode
ENABLE=0
State 4
Shutdown mode
PLL out of
lock-in range


Similar Part No. - MC33493DTBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33493DTB MOTOROLA-MC33493DTB Datasheet
595Kb / 20P
   PLL tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTB FREESCALE-MC33493DTB Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493DTB NXP-MC33493DTB Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
More results

Similar Description - MC33493DTBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493 MOTOROLA-MC33493 Datasheet
595Kb / 20P
   PLL tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com