Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI271T-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # EMI271T-RC
Description  EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMI271T-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  EMI271T-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
28.1
EMI T Network Filters
Special Features
• Ferrite beads and chip capacitor T
network EMI filters
• Excellent noise filtering capability at
high frequency
• Taped packaged for automated insertion
• Rated current: 5 A
• Rated voltage: 50 VDC
• DC resistance: 0.05 Ohms max.
• Insulation resistance: 10 G Ohms @ 50 VDC
• Dielectric withstanding voltage: 125 VDC
• Operating temperature: -25 to +85 °C
• Ammo pack 2000 / Box
Typical Applications
• Personal computers, printers, hard drives
and telecommunication equipment
• Digital audio and video equipment
• Switch power supplies and AC adapters
• Automotive electronics
• Industrial electronic devices
EMI T Series
Part
Number
Cp (pF)
@ 1 KHz
25 dB Attenuation
Frequency (MHz)
15 dB Attenuation
Frequency (MHz)
EMI220T-RC
22 ±20 %
800 – 1000
200 – 800
EMI470T-RC
47 ±20 %
550 – 700
350 – 800
EMI101T-RC
100 ±20 %
350 – 500
200 – 800
EMI221T-RC
220 ±20 %
200 – 350
100 – 800
EMI271T-RC
270 ±20 %
200 – 300
80 – 800
EMI471T-RC
470 ±20 %
120 – 300
50 – 800
EMI102T-RC
1000 ±20 %
70 – 200
30 – 800
EMI222T-RC
2200 ±20 %
45 – 200
20 – 800
EMI332T-RC
3300 ±20 %
35 – 200
15 – 800
EMI103T-RC
10,000 -20 %, +80 %
15 - 200
6 - 800
3.2 Max.
9.0
Max.
8.0 Max.
2.5
2.5
Marking
0.5 Dia.
Dimensions: mm
Ferrite Bead
Cp
Ferrite Bead
<1>
<1> Beads exposure <1 mm (0.039 ”)
Typical Attenuation Characteristics
0
10
20
30
40
50
60
70
15
10
0.5
50
100
500 1000
Frequency (MHz)
1
10
2
3
4
5
6
7
8
9
1 - EMI220T-RC
2 - EMI470T-RC
3 - EMI101T-RC
4 - EMI221T-RC
5 - EMI271T-RC
6 - EMI471T-RC
7 - EMI102T-RC
8 - EMI222T-RC
9 - EMI332T-RC
10 - EMI103T-RC
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 11/09


Similar Part No. - EMI271T-RC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI2121 ONSEMI-EMI2121 Datasheet
255Kb / 9P
   Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI2121 ONSEMI-EMI2121 Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
EMI2121MTTAG ONSEMI-EMI2121MTTAG Datasheet
255Kb / 9P
   Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI2121MTTAG ONSEMI-EMI2121MTTAG Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
EMI2121 ONSEMI-EMI2121_13 Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
More results

Similar Description - EMI271T-RC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
51900001009 LITTELFUSE-51900001009 Datasheet
1Mb / 1P
   111/519 Series 5mm Fuse Clips Taped for Automated Insertion
Revised: 02/22/15
logo
Bourns Electronic Solut...
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
   RC Network T-Filters
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
601 BOURNS-601 Datasheet
231Kb / 2P
   RC Network T-Filters
logo
EPCOS
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
logo
Bourns Electronic Solut...
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
   RC Network T-Filters
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
   RC Network T-Filters
logo
Samtec, Inc
ICA-640-SGG SAMTEC-ICA-640-SGG Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
ICA-624-SGT SAMTEC-ICA-624-SGT Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com