Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADMP510ACEZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part No. ADMP510ACEZ-RL7
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADMP510ACEZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
2.575
2.500
2.425
3.425
3.350
3.275
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
1.08
0.98
0.88
2.21
REF
3.06 REF
BOTTOM VIEW
1.08
0.95 DIA.
0.25 NOM
0.20 MIN
DIA.
THRU HOLE
(SOUND PORT)
1.22 BSC
1.25
0.54
REF
0.64 REF
1.55 DIA.
1.52
BSC
1.07
REF
0.75 REF
2
1
3
0.90 × 0.68
(PINS 1, 3)
0.20 TYP
× 45°
0.30 BSC
PIN 1
Figure 15. 3-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
3.35 mm × 2.5 mm Body
(CE-3-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
Ordering Quantity
ADMP510ACEZ-RL
−40°C to +85°C
3-Terminal LGA_CAV, 13”Tape and Reel
CE-3-5
10,000
ADMP510ACEZ-RL7
−40°C to +85°C
3-Terminal LGA_CAV, 7”Tape and Reel
CE-3-5
1,000
EVAL-ADMP510Z-FLEX
Flexible Evaluation Board
1
Z = RoHS Compliant Part.
2
This package option is halide free.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn