Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADMP510ACEZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADMP510ACEZ-RL7
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADMP510ACEZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 8 of 12
PCB DESIGN AND LAND PATTERN LAYOUT
Lay out the PCB land pattern for the ADMP510 at a 1:1 ratio to
the solder pads on the microphone package (see Figure 13). Take
care to avoid applying solder paste to the sound hole in the PCB.
Figure 14 shows a suggested solder paste stencil pattern layout.
The diameter of the sound hole in the PCB should be larger than
the diameter of the sound port of the microphone. A minimum
diameter of 0.5 mm is recommended.
Ø1.55
Ø0.95
1.52
0.90
1.90
1.22
0.68
0.61
0.61
Figure 13. Suggested PCB Land Pattern Layout
1.22
0.8 × 0.6
0.2 × 45°
TYP
1.52mm
1.55/1.05 DIA.
0.225 CUT WIDTH (2×)
Figure 14. Suggested Solder Paste Stencil Pattern Layout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn