Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADMP510ACEZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADMP510ACEZ-RL7
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADMP510ACEZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
20
15
10
5
–15
–10
–5
0
10
100
10k
FREQUENCY (Hz)
1k
Figure 5. Frequency Response Mask
15
–15
–10
–5
0
5
10
10
100
10k
FREQUENCY (Hz)
1k
Figure 6. Typical Frequency Response (Measured)
–50
–51
–52
–53
–54
–55
–56
–57
–58
–59
–60
100
10k
FREQUENCY (Hz)
1k
Figure 7. Typical Power Supply Rejection Ratio vs. Frequency
0.1
10
1
90
130
120
110
100
INPUT (dB SPL)
Figure 8. THD + N vs. Input SPL
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
90
100
110
120
130
140
INPUT AMPLITUDE (dB SPL)
Figure 9. Linearity
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.0
0.5
TIME (ms)
120dB SPL
124dB SPL
128dB SPL
132dB SPL
Figure 10. Clipping Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn