Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADMP510ACEZ-RL Datasheet(PDF) 3 Page - Analog Devices

Part No. ADMP510ACEZ-RL
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADMP510ACEZ-RL Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADMP510
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not
guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Output Polarity
Noninverted
Sensitivity
1 kHz, 94 dB sound pressure level (SPL)
−40
−38
−36
dBV
Signal-to-Noise Ratio
SNR
20 Hz to 20 kHz, A-weighted
65
dBA
Equivalent Input Noise
EIN
20 Hz to 20 kHz, A-weighted
29
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic
input
91
dB
Frequency Response1
Low frequency −3 dB point
60
Hz
High frequency −3 dB point
>20
kHz
Total Harmonic Distortion
THD
105 dB SPL
0.2
1
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave super-
imposed on VDD = 1.8 V (A-weighted)
−78
dBV
Power Supply Rejection Ratio
PSRR
1 kHz, 100 mV p-p sine wave superimposed
on VDD = 1.8 V
−55
dB
Acoustic Overload Point
10% THD
124
dB SPL
POWER SUPPLY
Supply Voltage
VDD
1.5
3.63
V
Supply Current
IS
VDD = 1.8 V
180
220
µA
VDD = 3.3 V
210
250
µA
OUTPUT CHARACTERISTICS
Output Impedance
ZOUT
350
Output DC Offset
0.7
V
Maximum Output Voltage
124 dB SPL input
0.398
V rms
Noise Floor
20 Hz to 20 kHz, A-weighted, rms
−103
dBV
1
See Figure 5 and Figure 6.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn